Electronic Components Datasheet Search
  English  ▼

X  

LT1185 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1185
Description  1.5A, Low Noise, Fast Transient Response
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1185 Datasheet HTML 15Page - Linear Technology LT1185 Datasheet HTML 16Page - Linear Technology LT1185 Datasheet HTML 17Page - Linear Technology LT1185 Datasheet HTML 18Page - Linear Technology LT1185 Datasheet HTML 19Page - Linear Technology LT1185 Datasheet HTML 20Page - Linear Technology LT1185 Datasheet HTML 21Page - Linear Technology LT1185 Datasheet HTML 22Page - Linear Technology LT1185 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT1963A Series
19
1963aff
For more information www.linear.com/LT1963A
applicaTions inForMaTion
The following tables list thermal resistance for several
different board sizes and copper areas. All measurements
were taken in still air on 1/16" FR-4 board with one ounce
copper.
Table 3. Q Package, 5-Lead DD
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm2
2500mm2
2500mm2
23°C/W
1000mm2
2500mm2
2500mm2
25°C/W
125mm2
2500mm2
2500mm2
33°C/W
*Device is mounted on topside
Table 4. S0-8 Package, 8-Lead SO
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm2
2500mm2
2500mm2
55°C/W
1000mm2
2500mm2
2500mm2
55°C/W
225mm2
2500mm2
2500mm2
63°C/W
125mm2
2500mm2
2500mm2
69°C/W
*Device is mounted on topside
Table 5. SOT-223 Package, 3-Lead SOT-223
COPPER AREA
THERMAL RESISTANCE
TOPSIDE*
BACKSIDE BOARD AREA
(JUNCTION-TO-AMBIENT)
2500mm2
2500mm2
2500mm2
42°C/W
1000mm2
2500mm2
2500mm2
42°C/W
225mm2
2500mm2
2500mm2
50°C/W
100mm2
2500mm2
2500mm2
56°C/W
1000mm2
1000mm2
1000mm2
49°C/W
1000mm2
0mm2
1000mm2
52°C/W
*Device is mounted on topside
T Package, 5-Lead TO-220
Thermal Resistance (Junction-to-Case) = 4°C/W
Calculating Junction Temperature
Example: Given an output voltage of 3.3V, an input volt-
age range of 4V to 6V, an output current range of 0mA
to 500mA and a maximum ambient temperature of 50°C,
what will the maximum junction temperature be?
The power dissipated by the device will be equal to:
IOUT(MAX)(VIN(MAX) – VOUT) + IGND(VIN(MAX))
where,
IOUT(MAX) = 500mA
VIN(MAX) = 6V
IGND at (IOUT = 500mA, VIN = 6V) = 10mA
So,
P = 500mA(6V – 3.3V) + 10mA(6V) = 1.41W
Using a DD package, the thermal resistance will be in the
range of 23°C/W to 33°C/W depending on the copper
area. So the junction temperature rise above ambient will
be approximately equal to:
1.41W(28°C/W) = 39.5°C
The maximum junction temperature will then be equal to
the maximum junction temperature rise above ambient
plus the maximum ambient temperature or:
TJMAX = 50°C + 39.5°C = 89.5°C
Protection Features
The LT1963A regulators incorporate several protection
featureswhichmakethemidealforuseinbattery-powered
circuits. In addition to the normal protection features
associated with monolithic regulators, such as current
limiting and thermal limiting, the devices are protected
against reverse input voltages, reverse output voltages
and reverse voltages from output to input.
Current limit protection and thermal overload protection
are intended to protect the device against current overload
conditions at the output of the device. For normal opera-
tion, the junction temperature should not exceed 125°C.
The input of the device will withstand reverse voltages of
20V. Current flow into the device will be limited to less
than 1mA (typically less than 100µA) and no negative
voltage will appear at the output. The device will protect
both itself and the load. This provides protection against
batteries that can be plugged in backward.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com