Electronic Components Datasheet Search
  English  ▼

X  

LT3010 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3010
Description  100mA, Low Voltage, Very Low Dropout Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3010 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3010 Datasheet HTML 5Page - Linear Technology LT3010 Datasheet HTML 6Page - Linear Technology LT3010 Datasheet HTML 7Page - Linear Technology LT3010 Datasheet HTML 8Page - Linear Technology LT3010 Datasheet HTML 9Page - Linear Technology LT3010 Datasheet HTML 10Page - Linear Technology LT3010 Datasheet HTML 11Page - Linear Technology LT3010 Datasheet HTML 12Page - Linear Technology LT3010 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT3020/LT3020-1.2/
LT3020-1.5/LT3020-1.8
3020fc
APPLICATIO S I FOR ATIO
The LT3020 is a very low dropout linear regulator capable
of 0.9V input supply operation. Devices supply 100mA of
output current and dropout voltage is typically 150mV.
Quiescent current is typically 120
µA and drops to 3µA in
shutdown. The LT3020 incorporates several protection
features, making it ideal for use in battery-powered sys-
tems. The device protects itself against reverse-input and
reverse-output voltages. In battery backup applications
where the output is held up by a backup battery when the
input is pulled to ground, the LT3020 acts as if a diode is
in series with its output which prevents reverse current
flow. In dual supply applications where the regulator load
is returned to a negative supply, the output can be pulled
below ground by as much as 10V without affecting start-
up or normal operation.
Adjustable Operation
The LT3020’s output voltage range is 0.2V to 9.5V. Figure
1 shows that the output voltage is set by the ratio of two
external resistors. The device regulates the output to
maintain the ADJ pin voltage at 200mV referenced to
ground. The current in R1 equals 200mV/R1 and the
current in R2 is the current in R1 minus the ADJ pin bias
current. The ADJ pin bias current of 20nA flows out of the
pin. Use the formula in Figure 1 to calculate output voltage.
An R1 value of 20k sets the resistor divider current to
10
µA. Note that in shutdown the output is turned off and
the divider current is zero. Curves of ADJ Pin Voltage vs
Temperature and ADJ Pin Bias Current vs Temperature
appear in the Typical Performance Characteristics section.
Specifications for output voltages greater than 200mV are
proportional to the ratio of desired output voltage to
200mV; (VOUT/200mV). For example, load regulation for
BLOCK DIAGRA
SHUTDOWN
–
+
CURRENT
GAIN
THERMAL
SHUTDOWN
R3
R2
R1
3020 BD
D1
Q1
D2
Q2
ERROR AMP
NO-LOAD
RECOVERY
Q3
IN
(7, 8)
OUT
(1, 2)
OUT SENSE
(3)
NOTE:
FOR LT3020 ADJUST PIN 3 IS CONNECTED TO
THE ADJUST PIN, R1 AND R2 ARE EXTERNAL.
FOR LT3020-1.X PIN 3 IS CONNECTED TO THE
OUTPUT SENSE PIN, R1 AND R2 ARE INTERNAL.
GND
(4,9)
ADJ
(3)
25k
SHDN
(5)
200mV
212mV
BIAS CURRENT
AND
REFERENCE
GENERATOR
FIXED
VOUT
1.2V
1.5V
1.8V
R1
20k
20k
20k
R2
100k
130k
160k
IN
SHDN
R2
R1
3020 F01
OUT
VIN
ADJ
GND
LT3020-ADJ
VOUT
+
R2
R1
VOUT = 200mV
VADJ = 200mV
IADJ = 20nA AT 25°C
OUTPUT RANGE = 0.2V TO 9.5V
1 +
– IADJ (R2)
()
Figure 1. Adjustable Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com