Electronic Components Datasheet Search
  English  ▼

X  

LT1310 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1310
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1310 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1310 Datasheet HTML 12Page - Linear Technology LT1310 Datasheet HTML 13Page - Linear Technology LT1310 Datasheet HTML 14Page - Linear Technology LT1310 Datasheet HTML 15Page - Linear Technology LT1310 Datasheet HTML 16Page - Linear Technology LT1310 Datasheet HTML 17Page - Linear Technology LT1310 Datasheet HTML 18Page - Linear Technology LT1310 Datasheet HTML 19Page - Linear Technology LT1310 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LT3580
16
3580fg
APPLICATIONS INFORMATION
C2, for best load regulation. You can tie the local ground
into the system ground plane at the C3 ground terminal.
The cut ground copper at D1’s cathode is essential to
obtain low noise. This important layout issue arises due
to the chopped nature of the currents flowing in Q1 and
D1. If they are both tied directly to the ground plane before
being combined, switching noise will be introduced into
the ground plane. It is almost impossible to get rid of this
noise, once present in the ground plane. The solution
is to tie D1’s cathode to the ground pin of the LT3580
before the combined currents are dumped in the ground
plane as drawn in Figure 2, Figure 12 and Figure 13. This
single layout technique can virtually eliminate high
frequency “spike” noise, so often present on switching
regulator outputs.
Figure 8. High Speed “Chopped” Switching Path for Boost Topology
Board layout also has a significant effect on thermal re-
sistance. The exposed package ground pad is the copper
plate that runs under the LT3580 die. This is a good thermal
path for heat out of the package. Soldering the pad onto
the board reduces die temperature and increases the power
capability of the LT3580. Provide as much copper area as
possible around this pad. Adding multiple feedthroughs
around the pad to the ground plane will also help. Figures
9 and 10 show the recommended component placement
for the boost and SEPIC configurations, respectively.
Layout Hints for Inverting Topology
Figure 11 shows recommended component placement for
the dual inductor inverting topology. Input bypass capaci-
tor, C1, should be placed close to the LT3580, as shown.
The load should connect directly to the output capacitor,
3580 F08
VOUT
L1
SW
GND
LT3580
D1
C2
C1
VIN
HIGH
FREQUENCY
SWITCHING
PATH
LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com