Electronic Components Datasheet Search
  English  ▼

X  

LT1618 Datasheet(PDF) 21 Page - Linear Technology

Part # LT1618
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT1618 Datasheet HTML 17Page - Linear Technology LT1618 Datasheet HTML 18Page - Linear Technology LT1618 Datasheet HTML 19Page - Linear Technology LT1618 Datasheet HTML 20Page - Linear Technology LT1618 Datasheet HTML 21Page - Linear Technology LT1618 Datasheet HTML 22Page - Linear Technology LT1618 Datasheet HTML 23Page - Linear Technology LT1618 Datasheet HTML 24Page - Linear Technology LT1618 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LT3580
21
3580fg
TYPICAL APPLICATIONS
High Voltage Positive Power Supply Uses Tiny 5.8mm × 5.8mm × 3mm Transformer and Switches at 200kHz
Danger High Voltage! Operation by High Voltage Trained Personnel Only
Start-Up Waveforms
Switching Waveforms
C2
68nF
FOR ANY VOUT BETWEEN 50V TO
350V, CHOOSE RFB ACCORDING TO
FOR 5V INPUT, KEEP MAXIMUM
OUTPUT POWER AT 1.58W
FOR 3.3V INPUT, KEEP MAXIMUM
OUTPUT POWER AT 0.88W
*MAY REQUIRE MULTIPLE SERIES
RESISTORS TO COMPLY WITH
MAXIMUM VOLTAGE RATINGS
VOUT
350V
4.5mA (VIN = 5V)
2.5mA (VIN = 3.3V)
T1
1:10.4
D1
RFB 4.22M*
VIN
3.3V TO 5V
VIN
SW
3580 TA05a
LT3580
D2
464k
10k
SHDN
GND
7, 8
5, 6
1
4
FB
VC
SYNC
SS
RT
10nF
100pF
0.47μF
C1
2.2μF
C1: 2.2μF, 25V, X5R, 1206
C2: TDK C3225X7R2J683M
D1: VISHAY GSD2004S DUAL DIODE CONNECTED IN SERIES
D2: ON SEMICONDUCTOR MBR0540
T1: TDK LDT565630T-041
•
•
VOUT – 1.215
83.3μA
RFB =
4.7μH
IPRIMARY
1A/DIV
VOUT
50V/DIV
2ms/DIV
5V INPUT
NO LOAD
3580 TA05b
IPRIMARY
1A/DIV
VOUT
2V/DIV
AC COUPLED
2μs/DIV
5V INPUT
4.5mA LOAD
3580 TA05c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com