Electronic Components Datasheet Search
  English  ▼

X  

LTC1778 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1778
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 2Page - Linear Technology LTC1778 Datasheet HTML 3Page - Linear Technology LTC1778 Datasheet HTML 4Page - Linear Technology LTC1778 Datasheet HTML 5Page - Linear Technology LTC1778 Datasheet HTML 6Page - Linear Technology LTC1778 Datasheet HTML 7Page - Linear Technology LTC1778 Datasheet HTML 8Page - Linear Technology LTC1778 Datasheet HTML 9Page - Linear Technology LTC1778 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LT3844
6
3844fb
PIN FUNCTIONS
BURST_EN (Pin 4): The BURST_EN pin is used to enable or
disable Burst Mode operation. Connect the BURST_EN pin
to ground to enable the burst mode function. Connect the
pin to VFB or VCC to disable the Burst Mode function.
VFB (Pin 5): The output voltage feedback pin, VFB, is
externally connected to the supply output voltage via a
resistive divider. The VFB pin is internally connected to
the inverting input of the error amplifier. In regulation,
VFB is 1.231V.
VC (Pin 6): The VC pin is the output of the error amplifier
whose voltage corresponds to the maximum (peak) switch
current per oscillator cycle. The error amplifier is typically
configured as an integrator circuit by connecting an RC
network from the VC pin to SGND. This circuit creates the
dominant pole for the converter regulation control loop.
Specific integrator characteristics can be configured to
optimize transient response. When Burst Mode operation
is enabled (see Pin 4 description), an internal low imped-
ance clamp on the VC pin is set at 100mV below the burst
threshold, which limits the negative excursion of the pin
voltage. Therefore, this pin cannot be pulled low with a
low impedance source. If the VC pin must be externally
manipulated, do so through a 1k series resistance.
SYNC (Pin 7): The SYNC pin provides an external clock
input for synchronization of the internal oscillator. RSET
is set such that the internal oscillator frequency is 10%
to 25% below the external clock frequency. If unused the
SYNC pin is connected to SGND. For more information see
“Oscillator Sync” in the Applications Information section
of this data sheet.
fSET (Pin 8): The fSET pin programs the oscillator frequency
with an external resistor, RSET. The resistor is required
even when supplying external sync clock signal. See the
Applications Information section for resistor value selec-
tion details.
SGND (Pin 9, 17): The SGND pin is the low noise ground
reference. It should be connected to the –VOUT side of the
output capacitors. Careful layout of the PCB is necessary
to keep high currents away from this SGND connection.
See the Applications Information section for helpful hints
on PCB layout of grounds.
SENSE– (Pin 10):
The SENSE– pin is the negative input for
the current sense amplifier and is connected to the VOUT
side of the sense resistor for step-down applications. The
sensed inductor current limit is set to 100mV across the
SENSE inputs.
SENSE+ (Pin 11):
The SENSE+ pin is the positive input for
the current sense amplifier and is connected to the induc-
tor side of the sense resistor for step-down applications.
The sensed inductor current limit is set to 100mV across
the SENSE inputs.
PGND (Pin 12): The PGND pin is the high current ground
reference for internal low side switch and the VCC regulator
circuit. Connect the pin directly to the negative terminal of
the VCCdecouplingcapacitor.SeetheApplicationsInforma-
tion section for helpful hints on PCB layout of grounds.
VCC (Pin 13): The VCC pin is the internal bias supply
decoupling node. Use a low ESR 1μF or greater ceramic
capacitor to decouple this node to PGND. Most internal IC
functions are powered from this bias supply. An external
diode connected from VCC to the BOOST pin charges the
bootstrapped capacitor during the off-time of the main
power switch. Back driving the VCC pin from an external
DC voltage source, such as the VOUT output of the regula-
tor supply, increases overall efficiency and reduces power
dissipation in the IC. In shutdown mode this pin sinks
20μA until the pin voltage is discharged to 0V.
SW (Pin 14): In step-down applications the SW pin is
connected to the cathode of an external clamping Schottky
diode, the drain of the power MOSFET and the inductor.
The SW node voltage swing is from VIN during the on-
time of the power MOSFET, to a Schottky voltage drop
below ground during the off-time of the power MOSFET.
In start-up and in operating modes where there is insuf-
ficient inductor current to freewheel the Schottky diode, an
internal switch is turned on to pull the SW pin to ground
so that the BOOST pin capacitor can be charged. Give
careful consideration in choosing the Schottky diode to
limit the negative voltage swing on the SW pin.
TG (Pin 15): The TG pin is the bootstrapped gate drive for
the top N-Channel MOSFET. Since very fast high currents
are driven from this pin, connect it to the gate of the power
MOSFET with a short and wide, typically 0.02" width, PCB
trace to minimize inductance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com