Electronic Components Datasheet Search
  English  ▼

X  

LT3430 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3430
Description  High Voltage, Current Mode Switching Regulator Controller with Programmable Operating Frequency
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3430 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3430 Datasheet HTML 16Page - Linear Technology LT3430 Datasheet HTML 17Page - Linear Technology LT3430 Datasheet HTML 18Page - Linear Technology LT3430 Datasheet HTML 19Page - Linear Technology LT3430 Datasheet HTML 20Page - Linear Technology LT3430 Datasheet HTML 21Page - Linear Technology LT3430 Datasheet HTML 22Page - Linear Technology LT3430 Datasheet HTML 23Page - Linear Technology LT3430 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LT3844
22
3844fb
TYPICAL APPLICATIONS
Two Phase Spread Spectrum 24V Input to 12V, 6A Output
VIN
SHDN
CSS
BURST_EN
VFB
VC
SYNC
fSET
BOOST
TG
SW
VCC
PGND
SENSE+
SENSE–
SGND
LT3844
R5
49.9k
R21
49.9k
R22
10k
VOUT
12V
6A
C2
680pF
C13
47pF
R4
4.99k
C1
2200pF
C5
0.22μF
16V
C4
2.2μF
L1
15μH
COUT
22μF
25V
RSENSE
0.02Ω
R1
10k
CIN
6.8μF
50V
3
R2
87.5k
R3
3M
R6
270k
R13
3M
R16
270k
D1
D1a
BAV70
D11a
BAV70
D1b
BAV70
M1
VIN
SHDN
CSS
BURST_EN
VFB
VC
SYNC
fSET
BOOST
TG
SW
VCC
PGND
SENSE+
SENSE–
SGND
LT3844
3844 TA04
R15
49.9k
C11
2200pF
C15
0.22μF
16V
C14
2.2μF
L1
15μH
RSENSE
0.02Ω
R11
10k
R12
87.5k
D11
M11
L1, L11 = VISHAY, IHLP5050FD-01
M1, M11 = VISHAY, Si7850DP
D1, D11 = DIODES INC, PDS760
COUT = TDK, C4532X7R1E226K
CIN = TDK, C4532X7R1H685K
V+
DIV
PH
OUT1
SET
MOD
GND
OUT2
OUT
VIN
GND
LTC6902
LT1121-5
VIN
18V
TO
36V
D11b
BAV70
4
1
3
2
5
6
7
8
16
15
14
13
12
11
10
9
4
1
1
3
3
2
2
5
6
7
8
16
15
14
13
12
11
10
9
10
9
8
5
1
2
3
4
SYNC1
SYNC2
SYNC1
SYNC2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com