Electronic Components Datasheet Search
  English  ▼

X  

LT1935 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1935
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1935 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1935 Datasheet HTML 15Page - Linear Technology LT1935 Datasheet HTML 16Page - Linear Technology LT1935 Datasheet HTML 17Page - Linear Technology LT1935 Datasheet HTML 18Page - Linear Technology LT1935 Datasheet HTML 19Page - Linear Technology LT1935 Datasheet HTML 20Page - Linear Technology LT1935 Datasheet HTML 21Page - Linear Technology LT1935 Datasheet HTML 22Page - Linear Technology LT1935 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
LT3580
19
3580fg
TYPICAL APPLICATIONS
750kHz, 5V to 40V, 150mA Boost Converter
Wide Input Range SEPIC Converter with 5V Output Switches at 2.5MHz
Transient Response with 400mA to 500mA Output Load Step
C2
2.2μF
VOUT
40V
150mA
L1
47μH
D1
464k
VIN
5V
VIN
SW
3580 TA02
LT3580
121k
10k
SHDN
GND
FB
VC
SYNC
SS
RT
4.7nF
0.1μF
47pF
C1
2.2μF
C1: 2.2μF, 25V, X5R, 1206
C2: 2.2μF, 50V, X5R, 1206
D1: MICROSEMI UPS140
L1: SUMIDA CDRH105R-470
C2
10μF
VOUT
5V, 600mA (VIN = 5V OR HIGHER)
500mA (VIN = 4V)
400mA (VIN = 3V)
300mA (VIN = 2.6V)
L1
4.7μH
C3
1μF
L2
4.7μH
D1
46.4k
VIN
2.6V TO 12V
OPERATING
12V TO 32V
TRANSIENT
VIN
SW
3580 TA03a
LT3580
35.7k
10k
SHDN
GND
FB
VC
SYNC
SS
RT
1nF
22pF
0.1μF
C1
2.2μF
C1: 2.2μF, 35V, X5R, 1206
C2: 10μF, 10V, X5R, 1206
C3: 1μF, 50V, X5R, 0805
D1: MICROSEMI UPS140
L1, L2: TDK VLCF4020T-4R7N1R2
VOUT
100mV/DIV
AC COUPLED
IL1 +IL2
0.5A/DIV
100μs/DIV
VIN = 12V
3580 TA03b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com