Electronic Components Datasheet Search
  English  ▼

X  

B140HB Datasheet(PDF) 7 Page - Linear Technology

Part # B140HB
Description  True Color PWM Delivers Constant Color with 400:1 Dimming Range
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

B140HB Datasheet(HTML) 7 Page - Linear Technology

Back Button B140HB Datasheet HTML 3Page - Linear Technology B140HB Datasheet HTML 4Page - Linear Technology B140HB Datasheet HTML 5Page - Linear Technology B140HB Datasheet HTML 6Page - Linear Technology B140HB Datasheet HTML 7Page - Linear Technology B140HB Datasheet HTML 8Page - Linear Technology B140HB Datasheet HTML 9Page - Linear Technology B140HB Datasheet HTML 10Page - Linear Technology B140HB Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT3474/LT3474-1
7
3474fd
BLOCK DIAGRAM
BIAS
VC
VADJ
OUT
3474 BD
C1
RT
PWM
GND
2V
REF
RT
∑
DRIVER
SHDN
CC1
CC2
RC
1.25k
DLED1
Q2
Q1
1.25V
OSC
SLOPE
COMP
FREQUENCY
FOLDBACK
INT REG
AND
UVLO
R
Q
Q
S
CIN
VIN
VIN
0.1Ω
100Ω
LED
D1
L1
SW
BOOST
C2
PWM
USE WITH
PWM DIMMING
C1
gm
7
6
5
2
3
12
8
14
11
10
9
4
13
Figure 1. Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com