Electronic Components Datasheet Search
  English  ▼

X  

LT1946 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1946
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1946 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1946 Datasheet HTML 9Page - Linear Technology LT1946 Datasheet HTML 10Page - Linear Technology LT1946 Datasheet HTML 11Page - Linear Technology LT1946 Datasheet HTML 12Page - Linear Technology LT1946 Datasheet HTML 13Page - Linear Technology LT1946 Datasheet HTML 14Page - Linear Technology LT1946 Datasheet HTML 15Page - Linear Technology LT1946 Datasheet HTML 16Page - Linear Technology LT1946 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LT3580
13
3580fg
APPLICATIONS INFORMATION
(1) SYNC may not toggle outside the frequency range of
200kHz to 2.5MHz unless it is stopped low to enable
the free-running oscillator.
(2) The SYNC frequency can always be higher than the
free-running oscillator frequency, fOSC, but should not
be less than 25% below fOSC.
Operating Frequency Selection
There are several considerations in selecting the operating
frequency of the converter. The first is staying clear of
sensitive frequency bands, which cannot tolerate any
spectral noise. For example, in products incorporating RF
communications, the 455kHz IF frequency is sensitive to
any noise, therefore switching above 600kHz is desired.
Some communications have sensitivity to 1.1MHz, and in
that case, a 1.5MHz switching converter frequency may be
employed. The second consideration is the physical size
of the converter. As the operating frequency goes up, the
inductor and filter capacitors go down in value and size.
The tradeoff is efficiency, since the switching losses due
to NPN base charge (see Thermal Calculations), Schottky
diode charge, and other capacitive loss terms increase
proportionally with frequency.
Soft-Start
The LT3580 contains a soft-start circuit to limit peak switch
currents during start-up. High start-up current is inherent
in switching regulators in general since the feedback loop
is saturated due to VOUT being far from its final value. The
regulator tries to charge the output capacitor as quickly as
possible, which results in large peak currents.
The start-up current can be limited by connecting an
external capacitor (typically 100nF to 1μF) to the SS pin.
This capacitor is slowly charged to ~2.2V by an internal
275k resistor once the part is activated. SS pin voltages
below ~1.1V reduce the internal current limit. Thus, the
gradual ramping of the SS voltage also gradually increases
the current limit as the capacitor charges. This, in turn,
allows the output capacitor to charge gradually toward its
final value while limiting the start-up current.
In the event of a commanded shutdown or lockout (SHDN
pin), internal undervoltage lockout (UVLO) or a thermal
lockout, the soft-start capacitor is automatically discharged
to ~200mV before charging resumes, thus assuring that
the soft-start occurs after every reactivation of the chip.
Shutdown
The SHDN pin is used to enable or disable the chip.
For most applications, SHDN can be driven by a digital
logic source. Voltages above 1.38V enable normal active
operation. Voltages below 300mV will shutdown the chip,
resulting in extremely low quiescent current.
While the SHDN voltage transitions through the lockout
voltage range (0.3V to 1.24V) the power switch is disabled
and the SR2 latch is set (see the Block Diagram). This
causes the soft-start capacitor to begin discharging,
which continues until the capacitor is discharged and
active operation is enabled. Although the power switch
is disabled, SHDN voltages in the lockout range do not
necessarily reduce quiescent current until the SHDN voltage
is near or below the shutdown threshold.
Also note that SHDN can be driven above VIN or VOUT as
long as the SHDN voltage is limited to less than 32V.
Figure 6. Chip States vs SHDN Voltage
Configurable Undervoltage Lockout
Figure 7 shows how to configure an undervoltage lockout
(UVLO) for the LT3580. Typically, UVLO is used in situations
where the input supply is current-limited, has a relatively
high source resistance, or ramps up/down slowly. A
switching regulator draws constant power from the source,
so source current increases as source voltage drops. This
looks like a negative resistance load to the source and can
cause the source to current-limit or latch low under low
(HYSTERESIS AND TOLERANCE)
SHUTDOWN
(LOW QUIESCENT CURRENT)
ACTIVE
(NORMAL OPERATION)
LOCKOUT
(POWER SWITCH OFF,
SS CAPACITOR DISCHARGED)
1.24V
0.0V
1.38V
0.3V
3580 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com