Electronic Components Datasheet Search
  English  ▼

X  

LT3467 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3467
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3467 Datasheet(HTML) 4 Page - Linear Technology

  LT3467 Datasheet HTML 1Page - Linear Technology LT3467 Datasheet HTML 2Page - Linear Technology LT3467 Datasheet HTML 3Page - Linear Technology LT3467 Datasheet HTML 4Page - Linear Technology LT3467 Datasheet HTML 5Page - Linear Technology LT3467 Datasheet HTML 6Page - Linear Technology LT3467 Datasheet HTML 7Page - Linear Technology LT3467 Datasheet HTML 8Page - Linear Technology LT3467 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LT3580
4
3580fg
TYPICAL PERFORMANCE CHARACTERISTICS
Switch Current Limit at 1MHz
Switch Saturation Voltage
Switch Current Limit at Minimum
Duty Cycle
Switch Current Limit at Minimum
Duty Cycle
Positive Feedback Voltage
Switching Waveforms for
Figure 14 Circuit
Oscillator Frequency
Oscillator Frequency During
Soft-Start
Internal UVLO
TA = 25°C unless otherwise specified
DUTY CYCLE (%)
10
0
0.5
1.0
1.5
2.0
30
50
70
90
3580 G01
2.5
20
40
60
80
SWITCH CURRENT (A)
0
200
250
300
2
3580 G02
150
100
0
0.5
1
1.5
50
400
350
SS VOLTAGE (mV)
0
0
0.5
1.0
1.5
2.0
200
400
600
800
3580 G03
1000
1200
2.5
TEMPERATURE (°C)
–50
0
0.5
1.0
1.5
2.0
2.5
3.0
0
50
100
3580 G04
TEMPERATURE (°C)
–50
–25
1.19
1.21
1.24
0
50
75
3580 G05
1.20
1.23
1.22
25
100
125
VOUT
50mV/DIV
AC COUPLED
VSW
10V/DIV
IL
0.5A/DIV
200ns/DIV
3580 G06
TEMPERATURE (°C)
–50
1.9
2.1
2.3
3580 G07
1.7
1.5
1.1
0
50
100
1.3
2.7
RT = 35.7k
2.5
RT = 75k
FB VOLTAGE (V)
0
0
1/4
1/2
TA = –35°C
TA = 25°C
TA = 100°C
1/3
1
0.2
0.4
INVERTING
CONFIGURATIONS
BOOSTING
CONFIGURATIONS
0.6
0.8
3580 G08
1.0
1.2
TEMPERATURE (°C)
–50
2.20
2.22
2.26
2.28
2.30
2.40
2.34
0
50
3580 G09
2.24
2.36
2.38
2.32
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com