Electronic Components Datasheet Search
  English  ▼

X  

LT3477 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3477
Description  Boost/Inverting DC/DC Converter with 2A Switch, Soft-Start, and Synchronization
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3477 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3477 Datasheet HTML 2Page - Linear Technology LT3477 Datasheet HTML 3Page - Linear Technology LT3477 Datasheet HTML 4Page - Linear Technology LT3477 Datasheet HTML 5Page - Linear Technology LT3477 Datasheet HTML 6Page - Linear Technology LT3477 Datasheet HTML 7Page - Linear Technology LT3477 Datasheet HTML 8Page - Linear Technology LT3477 Datasheet HTML 9Page - Linear Technology LT3477 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3580
6
3580fg
BLOCK DIAGRAM
The LT3580 uses a constant-frequency, current mode con-
trol scheme to provide excellent line and load regulation.
Refer to the Block Diagram which shows the LT3580 in a
boost configuration. At the start of each oscillator cycle,
the SR latch (SR1) is set, which turns on the power switch,
Q1. The switch current flows through the internal current
sense resistor generating a voltage proportional to the
switch current. This voltage (amplified by A4) is added
to a stabilizing ramp and the resulting sum is fed into the
positive terminal of the PWM comparator A3. When this
voltage exceeds the level at the negative input of A3, the SR
latch is reset, turning off the power switch. The level at the
negative input of A3 (VC pin) is set by the error amplifier A1
(or A2) and is simply an amplified version of the difference
between the feedback voltage (FB pin) and the reference
voltage (1.215V or 5mV depending on the configuration).
In this manner, the error amplifier sets the correct peak
current level to keep the output in regulation.
The LT3580 has a novel FB pin architecture that can be
used for either boost or inverting configurations. When
configured as a boost converter, the FB pin is pulled up
to the internal bias voltage of 1.215V by the RFB resistor
connected from VOUT to FB. Comparator A2 becomes
inactive and comparator A1 performs the inverting
amplification from FB to VC. When the LT3580 is in an
inverting configuration, the FB pin is pulled down to 5mV
by the RFB resistor connected from VOUT to FB. Comparator
A1 becomes inactive and comparator A2 performs the
noninverting amplification from FB to VC.
–
+
–
+
–
+
–
+
+
–
∑
7
5
3
1.215V
REFERENCE
ADJUSTABLE
OSCILLATOR
FREQUENCY
FOLDBACK
RAMP
GENERATOR
COMPARATOR
DISCHARGE
DETECT
SS
VC
275k
Q2
SR2
R
S
14.6k
14.6k
Q
SR1
A3
A4
A1
A2
SYNC
÷N
RT
SHDN
FB
1.3V
VC
C1
SW
0.01Ω
GND
RT
RFB
DRIVER
L1
D1
ILIMIT
VIN
VOUT
CSS
CC
CIN
RC
VIN
SOFT-
START
SYNC
BLOCK
UVLO
R
S
Q
6
2
1
3580 BD
8
4
Q1
9
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com