Electronic Components Datasheet Search
  English  ▼

X  

LT1495 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1495
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1495 Datasheet(HTML) 3 Page - Linear Technology

  LT1495 Datasheet HTML 1Page - Linear Technology LT1495 Datasheet HTML 2Page - Linear Technology LT1495 Datasheet HTML 3Page - Linear Technology LT1495 Datasheet HTML 4Page - Linear Technology LT1495 Datasheet HTML 5Page - Linear Technology LT1495 Datasheet HTML 6Page - Linear Technology LT1495 Datasheet HTML 7Page - Linear Technology LT1495 Datasheet HTML 8Page - Linear Technology LT1495 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1540
sn1540 1540fas
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = GND = 0V, TA = 25°C unless otherwise noted.
ELECTRICAL CHARACTERISTICS
V + = 3V, V – = GND = 0V, TA = 25°C unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VHYST
Hysteresis Input Voltage Range
● REF – 50mV
REF
V
tPD
Propagation Delay
COUT = 100pF
Overdrive = 10mV
60
µs
Overdrive = 100mV
50
µs
VOH
Output High Voltage
IO = – 13mA
●
V + – 0.4V
V
VOL
Output Low Voltage
IO = 1.8mA
●
GND + 0.4V
V
Reference
VREF
Reference Voltage
No Load
(SO-8)/(DFN) Commercial
●
1.158
1.182
1.206
V
MS8 Commercial
●
1.156
1.182
1.208
V
(SO-8)/(MS8)/(DFN) Industrial
●
1.152
1.182
1.212
V
∆VREF
Load Regulation
0 ≤ ISOURCE ≤ 100µA
●
0.5
2.5
mV
0 ≤ ISINK ≤ 10µA
0.5
1.5
mV
●
5mV
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Supply
V +
Supply Voltage Range
●
211
V
ICC
Supply Current
IN + = IN – = 80mV, HYST = REF, C-Grade
●
0.28
0.61
µA
IN + = IN – = 80mV, HYST = REF, I-Grade
●
0.64
µA
Comparator
VOS
Comparator Input Offset Voltage
VCM = 2.5V
±12
mV
●
±15
mV
LTC1540CMS8/IMS8
●
±16
mV
IIN
Input Leakage Current (IN +, IN –)VIN+ = VIN– = 1.5V
●
±0.01
±1nA
Input Leakage Current (HYST)
●
±0.02
±1nA
VCM
Comparator Input Common Mode Range
●
V –
V + – 1.3V
V
CMRR
Common Mode Rejection Ratio
V – to V + – 1.3V
0.1
1
mV/V
PSRR
Power Supply Rejection Ratio
V + = 2V to 11V
0.1
1
mV/V
VHYST
Hysteresis Input Voltage Range
● REF – 50mV
REF
V
tPD
Propagation Delay
COUT = 100pF
Overdrive = 10mV
70
µs
Overdrive = 100mV
60
µs
VOH
Output High Voltage
IO = – 8mA
●
V + – 0.4V
V
VOL
Output Low Voltage
IO = 0.8mA
●
GND + 0.4V
V
Reference
VREF
Reference Voltage
No Load
(SO-8)/(DFN) Commercial
●
1.158
1.182
1.206
V
MS8 Commercial
●
1.156
1.182
1.208
V
(SO-8)/(MS8)/(DFN) Industrial
●
1.152
1.182
1.212
V
∆VREF
Load Regulation
0 ≤ ISOURCE ≤ 100µA
●
0.75
3.5
mV
0 ≤ ISINK ≤ 10µA
0.5
1.5
mV
●
5mV
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The θJA specified for the DD package is with minimal PCB heat
spreading metal. Using expanded metal area on all layers of a board
reduces this value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com