Electronic Components Datasheet Search
  English  ▼

X  

LT1521 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1521
Description  Nanopower Comparator with Reference
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1521 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1521 Datasheet HTML 2Page - Linear Technology LT1521 Datasheet HTML 3Page - Linear Technology LT1521 Datasheet HTML 4Page - Linear Technology LT1521 Datasheet HTML 5Page - Linear Technology LT1521 Datasheet HTML 6Page - Linear Technology LT1521 Datasheet HTML 7Page - Linear Technology LT1521 Datasheet HTML 8Page - Linear Technology LT1521 Datasheet HTML 9Page - Linear Technology LT1521 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1540
sn1540 1540fas
APPLICATIONS INFORMATION
V +
R1
430Ω
R2
10k
C1
1µF
5V
TO
8V
OUT
V –
21
7
8
GND
LTC1540
1540 • F03a
IN+
IN–
HYST
REF
3
4
5
6
R3
2.4M
–
+
LTC1540
V –
REF
R1
C1
REFERENCE
OUTPUT
1540 • F01
Figure 1. Damping the Reference Output
Figure 2. Damping Resistance vs Bypass Capacitor Value
Figure 3 shows the bypassed reference output with a
square wave applied to the V + pin. Resistors R2 and R3 set
10mV of hysteresis voltage band while R1 damps the
reference response. Note that the comparator output
doesn’t trip.
Low Voltage Operation: V + = 1.6V
The guaranteed minimum operating voltage is 2V (or
±1V). As the total supply voltage is reduced below 2V, the
performance degrades and the supply current falls. At low
supply voltages, the comparator’s output drive is reduced
and the propagation delay increases. The VREF and VOS are
also slightly worse. The useful input voltage range extends
from the negative supply to 0.9V below the positive
supply.
Test
your
prototype
over
the
full
temperature and supply voltage range if operation below
2V is anticipated. Because of the increase in supply
current, operation below 1.5V is not recommended
(Figure 4).
Figure 4. Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
0
3
4
5
2.0
1540 F04
2
1
0
0.5
1.0
1.5
2.5
V – = GND = 0V
IN+ = 0V
IN– = REF = HYST
TA = 25°C
Figure 3a. Power Supply Transient Test Circuit
CAPACITOR VALUE (µF)
0.001
0.1
10
1000
0.01
0.1
10
1
1540 • F02
1
100
Figure 3b. Power Supply Transient Rejection
2ms/DIV
1540 F03b
8V
V +
5V
VREF
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com