Electronic Components Datasheet Search
  English  ▼

X  

CD54-101 Datasheet(PDF) 5 Page - Linear Technology

Part # CD54-101
Description  500mA Low Voltage Step-Down Synchronous
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

CD54-101 Datasheet(HTML) 5 Page - Linear Technology

  CD54-101 Datasheet HTML 1Page - Linear Technology CD54-101 Datasheet HTML 2Page - Linear Technology CD54-101 Datasheet HTML 3Page - Linear Technology CD54-101 Datasheet HTML 4Page - Linear Technology CD54-101 Datasheet HTML 5Page - Linear Technology CD54-101 Datasheet HTML 6Page - Linear Technology CD54-101 Datasheet HTML 7Page - Linear Technology CD54-101 Datasheet HTML 8Page - Linear Technology CD54-101 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC1504A
TEST CIRCUITS
IMAX
SHDN
SS
COMP
VCC
GND
SW
FB/SENSE
+
CIN
100
µF
VCC
NC
0.01
µF
+
COUT
220
µF
VOUT
LEXT
47
µH
CIN: AVX TPSE107M016R0125
COUT: SANYO 16CV220GX
LEXT: COILCRAFT D03316-473
1504A • TC01
LTC1504A
1
µF
0.1
µF
220pF
7.5k
Figure 1
+
–
VREF
LTC1504A
COMP
FB/SENSE
A
B
A: TEST VOL, IOL
B: TEST VOH, IOH
1504A • TC02
Figure 2
BLOCK DIAGRAM
Figure 3. Block Diagram
+
–
+–
FB
–+
ILIM
+
– 1.265V
12
µA
12
µA
PWM
12.6k
20.4k
Q1
Q2
SW
FB
(ADJ ONLY)
SENSE
(–3.3V ONLY)
SAW
IMAX
SS
COMP
SHDN
1504A • BD
VREF
VCC
TO INTERNAL BLOCKS
APPLICATIONS INFORMATION
OVERVIEW
The LTC1504A is a complete synchronous switching
regulator controller (see Block Diagram). It includes two
on-chip 1.3
Ω power MOSFETs, eliminating the need for
external power devices and minimizing external parts
count. The internal switches are set up as a synchronous
buck converter with a P-channel device (Q1) from the
input supply to the switching node and an N-channel
device (Q2) as the synchronous rectifier device from the
switching node to ground. An external inductor, input and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com