Electronic Components Datasheet Search
  English  ▼

X  

MTIL113 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MTIL113
Description  6-Pin DIP Optoisolators Darlington Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTIL113 Datasheet(HTML) 1 Page - Motorola, Inc

  MTIL113 Datasheet HTML 1Page - Motorola, Inc MTIL113 Datasheet HTML 2Page - Motorola, Inc MTIL113 Datasheet HTML 3Page - Motorola, Inc MTIL113 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Optoelectronics Device Data
6-Pin DIP Optoisolators
Darlington Output
The MTIL113 device consists of a gallium arsenide infrared emitting diode
optically coupled to a monolithic silicon photodarlington detector.
This device is designed for use in applications requiring high collector output
currents at lower input currents.
• Higher Sensitivity to Low Input Drive Current
• Meets or Exceeds All JEDEC Registered Specifications
Applications
• Low Power Logic Circuits
• Interfacing and coupling systems of different potentials and impedances
• Telecommunications Equipment
• Portable Electronics
• Solid State Relays
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
INPUT LED
Reverse Voltage
VR
3
Volts
Forward Current — Continuous
IF
60
mA
LED Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
100
1.41
mW
mW/
°C
OUTPUT DETECTOR
Collector–Emitter Voltage
VCEO
30
Volts
Emitter–Collector Voltage
VECO
5
Volts
Collector–Base Voltage
VCBO
30
Volts
Collector Current — Continuous
IC
125
mA
Detector Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
150
1.76
mW
mW/
°C
TOTAL DEVICE
Isolation Surge Voltage(2)
(Peak ac Voltage, 60 Hz, 1 sec Duration)
VISO
7500
Vac(pk)
Total Device Power Dissipation @ TA = 25°C
Derate above 25
°C
PD
250
2.94
mW
mW/
°C
Ambient Operating Temperature Range(3)
TA
– 55 to +100
°C
Storage Temperature Range(3)
Tstg
– 55 to +150
°C
Soldering Temperature (10 sec, 1/16
″ from case)
TL
260
°C
1. All Motorola 6–Pin devices exceed JEDEC specification and are 7500 Vac(pk).
2. Isolation surge voltage is an internal device dielectric breakdown rating. For this test, Pins 1 and
2 are common, and Pins 4, 5 and 6 are common.
3. Refer to Quality and Reliability Section in Opto Data Book for information on test conditions.
Order this document
by MTIL113/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MTIL113
STANDARD THRU HOLE
STYLE 1 PLASTIC
1
6
SCHEMATIC
PIN 1. LED ANODE
2. LED CATHODE
3. N.C.
4. EMITTER
5. COLLECTOR
6. BASE
1
2
3
6
5
4
© Motorola, Inc. 1997


Similar Part No. - MTIL113

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTIL117 MOTOROLA-MTIL117 Datasheet
138Kb / 8P
6-Pin DIP Optoisolator Transistor Output
More results

Similar Description - MTIL113

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
4N25 MOTOROLA-4N25 Datasheet
280Kb / 6P
6-Pin DIP Optoisolators Transistor Output
H11A1 MOTOROLA-H11A1 Datasheet
262Kb / 6P
6-Pin DIP Optoisolators Transistor Output
H11B1 MOTOROLA-H11B1 Datasheet
278Kb / 6P
6-Pin DIP Optoisolators Darlington Output(Low Input Current)
H11G1 MOTOROLA-H11G1 Datasheet
300Kb / 6P
6-Pin DIP Optoisolators Darlington Output(On-Chip Resistors)
H11L1 MOTOROLA-H11L1 Datasheet
275Kb / 6P
6-Pin DIP Optoisolators Logic Output
M4N25 MOTOROLA-M4N25 Datasheet
139Kb / 8P
6-Pin DIP Optoisolators Transistor Output
M4N37 MOTOROLA-M4N37 Datasheet
140Kb / 8P
6-Pin DIP Optoisolators Transistor Output
MCT2 MOTOROLA-MCT2 Datasheet
267Kb / 6P
6-Pin DIP Optoisolators Transistor Output
MOC8080 MOTOROLA-MOC8080 Datasheet
194Kb / 6P
6-Pin DIP Optoisolators Darlington Output
logo
American Microsemicondu...
4N25 AMMSEMI-4N25 Datasheet
1Mb / 6P
6-Pin DIP Optoisolators Transistor Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com