Electronic Components Datasheet Search
  English  ▼

X  

CKIIAAAA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CKIIAAAA
Description  GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CKIIAAAA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CKIIAAAA Datasheet HTML 1Page - List of Unclassifed Manufacturers CKIIAAAA Datasheet HTML 2Page - List of Unclassifed Manufacturers CKIIAAAA Datasheet HTML 3Page - List of Unclassifed Manufacturers CKIIAAAA Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7AT England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk | www.lorlin.co.uk
3
STANDARD PART NUMBERS
BASIC TYPES
SPINDLE
DIAMETER
SPINDLE LENGTH
FROM MOUNTING FACE
8mm LONG
BUSH
SPINDLE
FLAT
LENGTH
ANGLE OF
SPINDLE FLAT
SPINDLE FLAT
THICKNESS
IMPERIAL
6.35mm
38mm
9.52 x 32TPI
30mm
90º
5.5mm
METRIC
6.00mm
50mm
M10 x 0.75
No Flat
---
---
CIRCUITRY AT
30º INDEXING
PLATING
FINISH
STANDARD METRIC
STANDARD IMPERIAL
Shorting (MBB)
Non-Shorting (BBM)
Shorting (MBB)
Non-Shorting (BBM)
1 POLE 12 POSITION
STOP INCLUDED
Solder Tag
Silver
CK1039
CK1029
CK1034
CK1024
Gold Flash
CK1508
CK1503
CK1516
CK1520
Gold Plate
CK2444
CK1672
CK2458
CK2459
Printed Circuit
Silver
CK1059
CK1049
CK1054
CK1044
Gold Flash
CK1512
CK1506
CK1524
CK1528
Gold Plate
CK1475
CK1312
CK2460
CK2461
1 POLE 12 POSITION
NO STOP CONTINUOUS ROTATION
Solder Tag
Silver
CK1038
CK1028
CK1033
CK1023
Gold Flash
CK1533
CK1537
CK1541
CK1545
Gold Plate
CK2445
CK2446
CK2462
CK2463
Printed Circuit
Silver
CK1058
CK1048
CK1053
CK1043
Gold Flash
CK1534
CK1538
CK1542
CK1546
Gold Plate
CK2447
CK2448
CK2464
CK2465
2 POLE 6 POSITION
STOP INCLUDED
Solder Tag
Silver
CK1040
CK1030
CK1035
CK1025
Gold Flash
CK1509
CK1496
CK1517
CK1521
Gold Plate
CK2449
CK1726
CK2466
CK2467
Printed Circuit
Silver
CK1060
CK1050
CK1055
CK1045
Gold Flash
CK1513
CK1473
CK1525
CK1529
Gold Plate
CK2450
CK1850
CK2468
CK2469
2 POLE 6 POSITION
NO STOP CONTINUOUS ROTATION
Solder Tag
Silver
CK1114
CK1118
CK1120
CK1121
Gold Flash
CK1535
CK1539
CK1543
CK1547
Gold Plate
CK2451
CK2452
CK2470
CK2471
Printed Circuit
Silver
CK1119
CK1113
CK1122
CK1089
Gold Flash
CK1536
CK1540
CK1544
CK1548
Gold Plate
CK2453
CK2454
CK2472
CK2473
3 POLE 4 POSITION
STOP INCLUDED
Solder Tag
Silver
CK1041
CK1031
CK1036
CK1026
Gold Flash
CK1510
CK1504
CK1518
CK1522
Gold Plate
CK2455
CK1577
CK2474
CK2475
Printed Circuit
Silver
CK1061
CK1051
CK1056
CK1046
Gold Flash
CK1514
CK1500
CK1526
CK1530
Gold Plate
CK2456
CK1952
CK2476
CK2477
4 POLE 3 POSITION
STOP INCLUDED
Solder Tag
Silver
CK1042
CK1032
CK1037
CK1027
Gold Flash
CK1511
CK1505
CK1519
CK1523
Gold Plate
CK1673
CK1822
CK2478
CK2479
Printed Circuit
Silver
CK1062
CK1052
CK1057
CK1047
Gold Flash
CK1515
CK1507
CK1527
CK1531
Gold Plate
CK2457
CK1953
CK2480
CK2481
CK ROTARY SWITCH



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com