Electronic Components Datasheet Search
  English  ▼

X  

LTC1778 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC1778
Description  Wide Operating Range, No RSENSE Step-Down Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1778 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC1778 Datasheet HTML 11Page - Linear Technology LTC1778 Datasheet HTML 12Page - Linear Technology LTC1778 Datasheet HTML 13Page - Linear Technology LTC1778 Datasheet HTML 14Page - Linear Technology LTC1778 Datasheet HTML 15Page - Linear Technology LTC1778 Datasheet HTML 16Page - Linear Technology LTC1778 Datasheet HTML 17Page - Linear Technology LTC1778 Datasheet HTML 18Page - Linear Technology LTC1778 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
15
LTC1778/LTC1778-1
1778fb
INTVCC Regulator
An internal P-channel low dropout regulator produces the
5V supply that powers the drivers and internal circuitry
within the LTC1778. The INTVCC pin can supply up to
50mA RMS and must be bypassed to ground with a
minimum of 4.7µF low ESR tantalum capacitor. Good
bypassing is necessary to supply the high transient cur-
rents required by the MOSFET gate drivers. Applications
using large MOSFETs with a high input voltage and high
frequency of operation may cause the LTC1778 to exceed
its maximum junction temperature rating or RMS current
rating. Most of the supply current drives the MOSFET
gates unless an external EXTVCC source is used. In con-
tinuous mode operation, this current is IGATECHG =f(Qg(TOP)
+ Qg(BOT)). The junction temperature can be estimated
from the equations given in Note 2 of the Electrical
Characteristics. For example, the LTC1778CGN is limited
to less than 14mA from a 30V supply:
TJ = 70°C + (14mA)(30V)(130°C/W) = 125°C
For larger currents, consider using an external supply with
the EXTVCC pin.
EXTVCC Connection
The EXTVCC pin can be used to provide MOSFET gate drive
and control power from the output or another external
source during normal operation. Whenever the EXTVCC
pin is above 4.7V the internal 5V regulator is shut off and
an internal 50mA P-channel switch connects the EXTVCC
pin to INTVCC. INTVCC power is supplied from EXTVCC until
this pin drops below 4.5V. Do not apply more than 7V to
the EXTVCC pin and ensure that EXTVCC ≤ VIN. The follow-
ing list summarizes the possible connections for EXTVCC:
1. EXTVCC grounded. INTVCC is always powered from the
internal 5V regulator.
2. EXTVCC connected to an external supply. A high effi-
ciency supply compatible with the MOSFET gate drive
requirements (typically 5V) can improve overall
efficiency.
3. EXTVCC connected to an output derived boost network.
The low voltage output can be boosted using a charge
pump or flyback winding to greater than 4.7V. The system
APPLICATIO S I FOR ATIO
will start-up using the internal linear regulator until the
boosted output supply is available.
External Gate Drive Buffers
The LTC1778 drivers are adequate for driving up to about
30nC into MOSFET switches with RMS currents of 50mA.
Applications with larger MOSFET switches or operating at
frequencies requiring greater RMS currents will benefit
from using external gate drive buffers such as the LTC1693.
Alternately, the external buffer circuit shown in Figure 7
can be used. Note that the bipolar devices reduce the
signal swing at the MOSFET gate, and benefit from an
increased EXTVCC voltage of about 6V.
Figure 7. Optional External Gate Driver
Q1
FMMT619
GATE
OF M1
TG
BOOST
SW
Q2
FMMT720
Q3
FMMT619
GATE
OF M2
BG
1778 F07
INTVCC
PGND
Q4
FMMT720
10Ω
10Ω
Soft-Start and Latchoff with the RUN/SS Pin
The RUN/SS pin provides a means to shut down the
LTC1778 as well as a timer for soft-start and overcurrent
latchoff. Pulling the RUN/SS pin below 0.8V puts the
LTC1778 into a low quiescent current shutdown (IQ <
30µA). Releasing the pin allows an internal 1.2µA current
source to charge up the external timing capacitor CSS. If
RUN/SS has been pulled all the way to ground, there is a
delay before starting of about:
t
V
A
Cs F C
DELAY
SS
SS
=
µ
=µ
()
15
12
13
.
.
./
When the voltage on RUN/SS reaches 1.5V, the LTC1778
begins operating with a clamp on ITH of approximately
0.9V. As the RUN/SS voltage rises to 3V, the clamp on ITH
is raised until its full 2.4V range is available. This takes an
additional 1.3s/µF, during which the load current is folded
back until the output reaches 75% of its final value. The pin
can be driven from logic as shown in Figure 7. Diode D1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com