Electronic Components Datasheet Search
  English  ▼

X  

LTC3441 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC3441
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3441 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC3441 Datasheet HTML 8Page - Linear Technology LTC3441 Datasheet HTML 9Page - Linear Technology LTC3441 Datasheet HTML 10Page - Linear Technology LTC3441 Datasheet HTML 11Page - Linear Technology LTC3441 Datasheet HTML 12Page - Linear Technology LTC3441 Datasheet HTML 13Page - Linear Technology LTC3441 Datasheet HTML 14Page - Linear Technology LTC3441 Datasheet HTML 15Page - Linear Technology LTC3441 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC3532
12
3532fc
Table 2. Capacitor Vendor Information
SUPPLIER
WEB SITE
AVX
www.avxcorp.com
Murata
www.murata.com
Sanyo
www.sanyovideo.com
Taiyo Yuden
www.t-yuden.com
TDK
www.component.tdk.com
Input Capacitor Selection
Since VIN is the supply voltage for the IC, as well as the
input to the power stage of the converter, it is recommended
to place at least a 4.7μF, low ESR ceramic bypass capaci-
tor close to the VIN and GND pins. It is also important to
minimize any stray resistance from the converter to the
battery or other power source.
Optional Schottky Diodes
The Schottky diodes across the synchronous switches
B and D are not required (VOUT < 4.3V), but provide a
lower drop during the break-before-make time (typically
15ns) improving efficiency. Use a surface mount Schottky
diode such as an MBRM120T3 or equivalent. Do not use
ordinary rectifier diodes, since the slow recovery times
will compromise efficiency. For applications with an
output voltage above 4.3V, a Schottky diode is required
from SW2 to VOUT.
Output Voltage > 4.3V
A Schottky diode from SW2 to VOUT is required for output
voltages over 4.3V. The diode must be located as close to
the pins as possible in order to reduce the peak voltage on
SW2 due to the parasitic lead and trace inductance.
Input Voltage > 4.5V
For applications with input voltages above 4.5V which
could exhibit an overload or short-circuit condition, a
2Ω/1nF series snubber is required between SW1 and
GND. A Schottky diode from SW1 to VIN should also be
added as close to the pins as possible. For the higher input
voltages, VIN bypassing becomes more critical; therefore,
a ceramic bypass capacitor as close to the VIN and SGND
pins as possible is also required.
Operating Frequency Selection
Higher operating frequencies allow the use of a smaller
inductor and smaller input and output filter capacitors,
thus reducing board area and component height. How-
ever, higher operating frequencies also increase the IC’s
total quiescent current due to the gate charge of the four
switches, as given by:
Buck: IQ = (0.125 • VIN • f) mA
Boost: IQ = [0.06 • (VIN + VOUT) • f] mA
Buck/Boost: IQ = [f • (0.19 • VIN + 0.06 • VOUT)] mA
where f = switching frequency in MHz. Therefore frequency
selection is a compromise between the optimal efficiency
and the smallest solution size.
Closing the Feedback Loop
The LTC3532 incorporates voltage mode PWM control.
The control to output gain varies with operation region
(buck, boost, buck/boost), but is usually no greater than
15. The output filter exhibits a double pole response, as
given by:
fFILTER
—POLE =
1
2• π •L • COUT
Hz
(in buck mode)
fFILTER
—POLE =
VIN
2• VOUT • π •L • COUT
Hz
(in boost mode)
where L is in henrys and COUT is in farads.
The output filter zero is given by:
fFILTER
— ZERO =
1
2• π •RESR •COUT
Hz
where RESR is the equivalent series resistance of the
output capacitor.
A troublesome feature in boost mode is the right-half plane
zero (RHP), given by:
fRHPZ =
VIN
2
2• π •IOUT •L • VOUT
Hz
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com