Electronic Components Datasheet Search
  English  ▼

X  

LTC3442 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3442
Description  Micropower Synchronous Buck-Boost DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3442 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3442 Datasheet HTML 6Page - Linear Technology LTC3442 Datasheet HTML 7Page - Linear Technology LTC3442 Datasheet HTML 8Page - Linear Technology LTC3442 Datasheet HTML 9Page - Linear Technology LTC3442 Datasheet HTML 10Page - Linear Technology LTC3442 Datasheet HTML 11Page - Linear Technology LTC3442 Datasheet HTML 12Page - Linear Technology LTC3442 Datasheet HTML 13Page - Linear Technology LTC3442 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC3532
10
3532fc
be minimized. Note that if the load current applied during
forced Burst Mode operation (BURST pin is grounded)
exceeds the current that can be supplied, the output voltage
will start to droop and the IC will automatically come out
of Burst Mode operation and enter fixed frequency mode,
raising VOUT. Once regulation is achieved, the IC will then
enter Burst Mode operation once again, and the cycle will
repeat, resulting in about 4% output ripple. Note that Burst
Mode operation is inhibited during soft-start.
Burst Mode Operation to Fixed Frequency Transient
Response
In Burst Mode operation, the compensation network is
not used and VC is disconnected from the error amplifier.
During long periods of Burst Mode operation, leakage
currents in the external components or on the PC board
could cause the compensation capacitor to charge (or
discharge), which could result in a large output transient
when returning to fixed frequency mode of operation, even
at the same load current. To prevent this, the LTC3532
incorporates an active clamp circuit that holds the voltage
on VC at an optimal voltage during Burst Mode operation.
This minimizes any output transient when returning to
fixed frequency mode operation. For optimum transient
response, Type 3 compensation is also recommended
to broad band the control loop and roll off past the two
pole response of the output LC filter. (See Closing the
Feedback Loop.)
Soft-Start
The soft-start function is combined with shutdown. When
the SHDN/SS pin is brought above 1V typical, the IC is
enabled but the EA duty cycle is clamped from VC. A de-
tailed diagram of this function is shown in Figure 5. The
components RSS and CSS provide a slow ramping voltage
on SHDN/SS to provide a soft-start function. To ensure
that VC is not being clamped, SHDN/SS must be raised
above 2.4V. To enable Burst Mode operation, SHDN/SS
must be raised to within 0.5V of VIN.
–
+
9
10
VIN
ERROR AMP
1.22V
15μA
FB
R1
R2
CP1
VC
VOUT
8
SHDN/SS
CSS
1V
ENABLE SIGNAL
RSS
SOFT-START
CLAMP
TO PWM
COMPARATORS
CHIP
ENABLE
3532 F05
–
+
VCI
Figure 5. Soft-Start Circuitry
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com