Electronic Components Datasheet Search
  English  ▼

X  

LTC1702 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1702
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1702 Datasheet HTML 14Page - Linear Technology LTC1702 Datasheet HTML 15Page - Linear Technology LTC1702 Datasheet HTML 16Page - Linear Technology LTC1702 Datasheet HTML 17Page - Linear Technology LTC1702 Datasheet HTML 18Page - Linear Technology LTC1702 Datasheet HTML 19Page - Linear Technology LTC1702 Datasheet HTML 20Page - Linear Technology LTC1702 Datasheet HTML 21Page - Linear Technology LTC1702 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
18
LTC1735
1735fc
Diode D1 in Figure 5 reduces the start delay while allowing
CSS to charge up slowly for the soft-start function. This
diode and CSS can be deleted if soft-start is not needed.
The RUN/SS pin has an internal 6V zener clamp (See
Functional Diagram).
capacitor during a severe overcurrent and/or short-circuit
condition. When deriving the 5
µA current from VIN as in
Figure 6a, current latchoff is always defeated. A diode
connecting this pull-up resistor to INTVCC , as in Figure 6b,
eliminates any extra supply current during controller shut-
down while eliminating the INTVCC loading from prevent-
ing controller start-up. If the voltage on CSS does not
exceed 4.1V, the overcurrent latch is not armed and the
function is disabled.
Why should you defeat overcurrent latchoff? During the
prototyping stage of a design, there may be a problem with
noise pickup or poor layout causing the protection circuit
to latch off. Defeating this feature will easily allow trouble-
shooting of the circuit and PC layout. The internal short-
circuit and foldback current limiting still remains active,
thereby protecting the power supply system from failure.
After the design is complete, a decision can be made
whether to enable the latchoff feature.
The value of the soft-start capacitor CSS will need to be
scaled with output current, output capacitance and load
current characteristics. The minimum soft-start capaci-
tance is given by:
CSS > (COUT )(VOUT)(10–4)(RSENSE)
The minimum recommended soft-start capacitor of
CSS = 0.1µF will be sufficient for most applications.
Fault Conditions: Current Limit and Current Foldback
The LTC1735 current comparator has a maximum sense
voltage of 75mV resulting in a maximum MOSFET current
of 75mV/RSENSE.
The LTC1735 includes current foldback to help further
limit load current when the output is shorted to ground.
The foldback circuit is active even when the overload
shutdown latch described above is defeated. If the output
falls by more than half, then the maximum sense voltage
is progressively lowered from 75mV to 30mV. Under
short-circuit conditions with very low duty cycle, the
LTC1735 will begin cycle skipping in order to limit the
short-circuit current. In this situation the bottom MOSFET
will be conducting the peak current. The short-circuit
ripple current is determined by the minimum on-time
APPLICATIO S I FOR ATIO
Figure 6. RUN/SS Pin Interfacing with Latchoff Defeated
Figure 5. RUN/SS Pin Interfacing
3.3V OR 5V
RUN/SS
RUN/SS
D1
CSS
CSS
1735 F05
3.3V OR 5V
RUN/SS
VIN
INTVCC
RUN/SS
D1
D1
CSS
RSS
CSS
RSS
1735 F06
(a)
(b)
Fault Conditions: Overcurrent Latchoff
The RUN/SS pin also provides the ability to shut off the
controller and latch off when an overcurrent condition is
detected. The RUN/SS capacitor, CSS, is used initially to
turn on and limit the inrush current of the controller. After
the controller has been started and given adequate time to
charge up the output capacitor and provide full load
current, CSS is used as a short-circuit timer. If the output
voltage falls to less than 70% of its nominal output voltage
after CSS reaches 4.1V, the assumption is made that the
output is in a severe overcurrent and/or short-circuit
condition, so CSS begins discharging. If the condition lasts
for a long enough period as determined by the size of CSS,
the controller will be shut down until the RUN/SS pin
voltage is recycled.
This built-in latchoff can be overridden by providing a
current >5
µA at a compliance of 5V to the RUN/SS pin as
shown in Figure 6. This current shortens the soft-start
period but also prevents net discharge of the RUN/SS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com