Electronic Components Datasheet Search
  English  ▼

X  

LTC1929 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC1929
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1929 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC1929 Datasheet HTML 24Page - Linear Technology LTC1929 Datasheet HTML 25Page - Linear Technology LTC1929 Datasheet HTML 26Page - Linear Technology LTC1929 Datasheet HTML 27Page - Linear Technology LTC1929 Datasheet HTML 28Page - Linear Technology LTC1929 Datasheet HTML 29Page - Linear Technology LTC1929 Datasheet HTML 30Page - Linear Technology LTC1929 Datasheet HTML 31Page - Linear Technology LTC1929 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
29
LTC1735
1735fc
TYPICAL APPLICATIO S
Selectable Output Voltage Converter with Burst Mode Operation Disabled for CPU Power
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
NC
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
PGOOD
SENSE–
SENSE+
NC
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
NC
LTC1735F
CSS
0.1
µF
CB
0.22
µF
0.1
µF
4.7
Ω
CC2
47pF
47pF
CC
330pF
RC
33k
RSENSE
0.004
Ω
VOUT
1.35V/1.60V
12A
1000pF
COSC
43pF
+
4.7
µF
1
µF
CER
+
COUT
470
µF
6.3V
×3
KEMET
ON: VOUT = 1.60V
OFF: VOUT = 1.35V
CIN: MARCON THCR70EIH226ZT
COUT: KEMET T510X447M006AS
L1: PANASONIC ETQP6F1R2HFA
RSENSE: IRC LRF2512-01-R004F
M1
FDS6680A
M2
FDS6680A
×2
1735 TA05
CIN
22
µF
×2
CER
DB
CMDSH-3
R2
10k
1%
R1
14.3k
1%
47pF
47pF
10k
MBRS340T3
VIN
4.5V TO 24V
L1
1.2
µH
OPTIONAL:
CONNECT TO 5V
NC
NC
NC
POWER GOOD
R3
33.2k
1%
SGND
VN2222
10
Ω
10
Ω
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COSC
RUN/SS
ITH
FCB
SGND
VOSENSE
SENSE–
SENSE+
TG
BOOST
SW
VIN
INTVCC
BG
PGND
EXTVCC
LTC1735
CSS
0.1
µF
CC2
100pF
CC
2200pF RC
3.3k
1M
VOUT
10k
6.2V
FMMT625
RSENSE
0.004
Ω
22
Ω
T1
VIN
4V TO 40V
6
7
10
3
47
Ω
R2
113k
1%
COUT
220
µF
16V
×4
VOUT
12V
3A
R1
8.06k
1%
3300pF
47pF
COSC
150pF
+
4.7
µF
0.1
µF
CIN: MARCON THCR70EIH226ZT
COUT: AVX TPSV227M016R0150
T1: COILTRONICS VP5-0155
RSENSE: IRC LRF2512-01-R004F
M1
IRL2910S
M2
Si4850EY
MBRS1100
1735 TA07
+
100
Ω
1nF
100V
1nF
100V
CIN
22
µF
50V
×2
CMDSH-3
4V to 40V Input to 12V Flyback Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com