Electronic Components Datasheet Search
  English  ▼

X  

LTM4609 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4609
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 10Page - Linear Technology LTM4609 Datasheet HTML 11Page - Linear Technology LTM4609 Datasheet HTML 12Page - Linear Technology LTM4609 Datasheet HTML 13Page - Linear Technology LTM4609 Datasheet HTML 14Page - Linear Technology LTM4609 Datasheet HTML 15Page - Linear Technology LTM4609 Datasheet HTML 16Page - Linear Technology LTM4609 Datasheet HTML 17Page - Linear Technology LTM4609 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LTC3780
14
3780ff
For more information www.linear.com/LTC3780
operaTion
on, switches B and D are then turned on. Finally, switches
A and D are turned on for the remainder of the time.
Boost Region (VIN < VOUT)
Switch A is always on and synchronous switch B is always
off in boost mode. Every cycle, switch C is turned on first.
Inductor current is sensed when switch C is turned on.
After the sensed inductor current exceeds the reference
voltage which is proportional to VITH,switchCisturnedoff
and synchronous switch D is turned on for the remainder
SWITCH A
CLOCK
SWITCH B
SWITCH C
SWITCH D
IL
0V
HIGH
3780 F03
Figure 3. Buck Mode (VIN > VOUT)
SWITCH A
CLOCK
SWITCH B
SWITCH C
SWITCH D
IL
3780 F04a
(4a) Buck-Boost Mode (VIN ≥ VOUT)
SWITCH A
CLOCK
SWITCH B
SWITCH C
SWITCH D
IL
3780 F04b
(4b) Buck-Boost Mode (VIN ≤ VOUT)
Figure 4. Buck-Boost Mode
of the cycle. switches C and D will alternate, behaving like
a typical synchronous boost regulator.
ThedutycycleofswitchCdecreasesuntiltheminimumduty
cycle of the converter in boost mode reaches DMIN_BOOST,
given by:
DMIN_BOOST = DBUCK-BOOST
where DBUCK-BOOST is the duty cycle of the buck-boost
switch range:
DBUCK-BOOST = (200ns • f) • 100%
and f is the operating frequency in Hz.
Figure 5 shows typical boost mode waveforms. If VIN ap-
proaches VOUT, the buck-boost region is reached.
SWITCH A
CLOCK
SWITCH B
SWITCH C
SWITCH D
IL
0V
HIGH
3780 F05
Figure 5. Boost Mode (VIN < VOUT)
LOW CURRENT OPERATION
The FCB pin is used to select among three modes for both
buck and boost operations by accepting a logic input.
Figure 6 shows the different modes.
FCB PIN
BUCK MODE
BOOST MODE
0V to 0.75V
Force Continuous Mode
Force Continuous Mode
0.85V to 5V
Skip-Cycle Mode
Burst Mode Operation
>5.3V
DCM with Constant Freq
DCM with Constant Freq
Figure 6. Different Operating Modes
When the FCB pin voltage is lower than 0.8V, the controller
behavesasacontinuous,PWMcurrentmodesynchronous
switching regulator. In boost mode, switch A is always on.
switch C and synchronous switch D are alternately turned
on to maintain the output voltage independent of direction
of inductor current. Every ten cycles, switch A is forced off
for about 300ns to allow boost capacitor CA (Figure 13) to
recharge. In buck mode, synchronous switch D is always



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com