Electronic Components Datasheet Search
  English  ▼

X  

LTC4258 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4258
Description  Power over Ethernet IEEE 802.3af PD Interface with Integrated Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4258 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4258 Datasheet HTML 24Page - Linear Technology LTC4258 Datasheet HTML 25Page - Linear Technology LTC4258 Datasheet HTML 26Page - Linear Technology LTC4258 Datasheet HTML 27Page - Linear Technology LTC4258 Datasheet HTML 28Page - Linear Technology LTC4258 Datasheet HTML 29Page - Linear Technology LTC4258 Datasheet HTML 30Page - Linear Technology LTC4258 Datasheet HTML 31Page - Linear Technology LTC4258 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC4267
32
4267fc
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2004
LT 0107 REV C • PRINTED IN USA
PART NUMBER
DESCRIPTION
COMMENTS
LTC1737
High Power Isolated Flyback Controller
Sense Output Voltage Directly from Primary Side Winding
LTC1871
Wide Input Range, No RSENSE
TM Current Mode
Adjustable Switching Frequency, Programmable Undervoltage Lockout,
Flyback, Boost and SEPIC Controller
Optional Burst Mode
®
Operation at Light Load
LTC3803
Current Mode Flyback DC/DC Controller in ThinSOT
TM
200kHz Constant Frequency, Adjustable Slope Compensation,
Optimized for High Input Voltage Applications
LTC4257
IEEE 802.3af PD Interface Controller
100V 400mA Internal Switch, Programmable Classification
LTC4257-1
IEEE 802.3af PD Interface Controller
100V 400mA Internal Switch, Programmable Classification,
with Dual Current Limit
Supports Legacy Applications
LTC4258
Quad IEEE 802.3af Power over Ethernet Controller
DC Disconnect Only, IEEE-Compliant PD Detection and Classification,
Autonomous Operation or I
2CTM Control
LTC4259A
Quad IEEE 802.3af Power over Ethernet Controller
AC or DC Disconnect IEEE-Compliant PD Detection and Classification,
Autonomous Operation or I
2CTM Control
Burst Mode is a registered trademark of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
RELATED PARTS
High-Efficiency Class 3 PD with 3.3V Isolated Power Supply
PVCC
NGATE
SENSE
ITH/RUN
PWRGD
VFB
VPORTP
RCLASS
SIGDISA
VPORTN
LTC4267
45.3
Ω
1%
220k
330Ω
220k
PVCC
4.7µF
SMAJ58A
MMSD4148
PULSE
PA1136
MMSD4148
BAS516
BAS516
MMTBA42
–48V
FROM
DATA PAIR
–48V
FROM
SPARE PAIR
Si3440
2N7002
PVCC
100k
PVCC
6.8k
10k
10k
0.1µF
5µF*
MIN
B1100
(8 PLACES)
POUT
PGND
9.1V
150pF
510Ω
500
Ω
0.068
Ω
1%
100k
1%
60.4k
1%
570µF**
33nF
•
10
Ω
470pF
2200pF
“Y” CAP
250VAC
PS2911
TLV431
SBM1040
3.3V
2.6A
CHASSIS
4267 TA02
*1µF CERAMIC + 4.7µF TANTALUM
**100µF CERAMIC + 470µF TANTALUM
BAS516
TYPICAL APPLICATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com