Electronic Components Datasheet Search
  English  ▼

X  

LTC3440 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3440
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3440 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3440 Datasheet HTML 14Page - Linear Technology LTC3440 Datasheet HTML 15Page - Linear Technology LTC3440 Datasheet HTML 16Page - Linear Technology LTC3440 Datasheet HTML 17Page - Linear Technology LTC3440 Datasheet HTML 18Page - Linear Technology LTC3440 Datasheet HTML 19Page - Linear Technology LTC3440 Datasheet HTML 20Page - Linear Technology LTC3440 Datasheet HTML 21Page - Linear Technology LTC3440 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC4085
18
4085fd
For example, if the full charge current is programmed
to 500mA with a 100k PROG resistor the CHRG pin will
change state at a battery charge current of 50mA.
Note: The end-of-charge (EOC) comparator that moni-
tors the charge current latches its decision. Therefore,
the first time the charge current drops below 10% of the
programmed full charge current while in constant-voltage
mode will toggle CHRG to a high impedance state. If, for
some reason, the charge current rises back above the
threshold the CHRG pin will not resume the strong pull-
down state. The EOC latch can be reset by a recharge cycle
(i.e. VBAT drops below the recharge threshold) or toggling
the input power to the part.
Current Limit Undervoltage Lockout
An internal undervoltage lockout circuit monitors the
input voltage and disables the input current limit circuits
until VIN rises above the undervoltage lockout threshold.
The current limit UVLO circuit has a built-in hysteresis of
125mV. Furthermore, to protect against reverse current in
the power MOSFET, the current limit UVLO circuit disables
the current limit (i.e. forces the input power path to a high
impedance state) if VOUT exceeds VIN. If the current limit
UVLO comparator is tripped, the current limit circuits will
not come out of shutdown until VOUT falls 50mV below
the VIN voltage.
Charger Undervoltage Lockout
An internal undervoltage lockout circuit monitors the VOUT
voltage and disables the battery charger circuits until
VOUT rises above the undervoltage lockout threshold. The
battery charger UVLO circuit has a built-in hysteresis of
125mV. Furthermore, to protect against reverse current
in the power MOSFET, the charger UVLO circuit keeps the
charger shut down if VBAT exceeds VOUT. If the charger
UVLO comparator is tripped, the charger circuits will not
come out of shut down until VOUT exceeds VBAT by 50mV.
Suspend
The LTC4085 can be put in suspend mode by forcing the
SUSP pin greater than 1V. In suspend mode the ideal diode
function from BAT to OUT is kept alive. If power is applied
to the OUT pin externally (i.e., a wall adapter is present)
then charging will be unaffected. Current drawn from the
IN pin is reduced to 50μA. Suspend mode is intended to
comply with the USB power specification mode of the
same name.
NTC Thermistor
The battery temperature is measured by placing a negative
temperature coefficient (NTC) thermistor close to the bat-
tery pack. The NTC circuitry is shown in Figure 4. To use
this feature, connect the NTC thermistor (RNTC) between
the NTC pin and ground and a resistor (RNOM) from the
NTC pin to VNTC. RNOM should be a 1% resistor with a
value equal to the value of the chosen NTC thermistor at
25°C (this value is 10k for a Vishay NTHS0603N02N1002J
thermistor). The LTC4085 goes into hold mode when the
resistance (RHOT) of the NTC thermistor drops to 0.41
times the value of RNOM or approximately 4.1k, which
should be at 50°C. The hold mode freezes the timer and
stops the charge cycle until the thermistor indicates a
return to a valid temperature. As the temperature drops,
the resistance of the NTC thermistor rises. The LTC4085 is
designed to go into hold mode when the value of the NTC
thermistor increases to 2.82 times the value of RNOM. This
resistance is RCOLD. For a Vishay NTHS0603N02N1002J
thermistor, this value is 28.2k which corresponds to ap-
proximately 0°C. The hot and cold comparators each have
approximately 3°C of hysteresis to prevent oscillation
about the trip point. Grounding the NTC pin can disable
the NTC function.
OPERATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com