Electronic Components Datasheet Search
  English  ▼

X  

LTC3406 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3406
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406 Datasheet(HTML) 5 Page - Linear Technology

  LTC3406 Datasheet HTML 1Page - Linear Technology LTC3406 Datasheet HTML 2Page - Linear Technology LTC3406 Datasheet HTML 3Page - Linear Technology LTC3406 Datasheet HTML 4Page - Linear Technology LTC3406 Datasheet HTML 5Page - Linear Technology LTC3406 Datasheet HTML 6Page - Linear Technology LTC3406 Datasheet HTML 7Page - Linear Technology LTC3406 Datasheet HTML 8Page - Linear Technology LTC3406 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC4065/LTC4065A
4065fb
TYPICAL PERFOR A CE CHARACTERISTICS
CHRG Pin Output Low Voltage
vs Temperature
Manual Shutdown Threshold
Voltage vs Temperature (LTC4065)
Manual Shutdown Supply Current
vs Temperature
TEMPERATURE (
°C)
–50
80
100
140
25
75
4065 G10
60
40
–25
0
50
100
20
0
120
VCC = 5V
ICHRG = 5mA
TEMPERATURE (
°C)
–50
–25
0.5
0.7
1.0
0
50
75
4065 G11
0.6
0.9
0.8
25
100
FALL
RISE
TEMPERATURE (
°C)
–50
0
10
20
30
40
–25
0
25
50
4065 G12
75
100
VCC = 5V
VEN = 5V
EN Pin Current (LTC4065)
Trickle Charge Current
vs Supply Voltage
VEN (V)
2
1.5
2.0
2.5
3.5
4.5
4065 G13
1.0
0.5
0
2.5
3
4
3.0
3.5
4.0
5
VCC = 5V
TA = 25°C
SUPPLY VOLTAGE (V)
4
0
10
20
30
40
50
60
4.5
5
5.5
6
4065 G14
RPROG = 2k
RPROG = 10k
VBAT = 2V
TA = 25°C
Trickle Charge Current
vs Temperature
TEMPERATURE (
°C)
–50
40
50
60
25
75
4065 G15
30
20
–25
0
50
100
10
0
RPROG = 2k
RPROG = 10k
VCC = 5V
VBAT = 2V
ACPR Pin Output Low Voltage vs
Temperature (LTC4065A Only)
Undervoltage Lockout Threshold
Voltage vs Temperature
TEMPERATURE (
°C)
–50
2.5
2.8
3.0
3.3
3.5
4.0
–25
025
RISE
FALL
50
4065 G16
75
100
3.8
TEMPERATURE (
°C)
–50
80
100
140
25
75
4065 G17
60
40
–25
0
50
100
20
0
120
VCC = 5V
IACPR = 5mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com