Electronic Components Datasheet Search
  English  ▼

X  

LTC4055 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4055
Description  USB Power Manager with Ideal Diode Controller and Li-Ion Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4055 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4055 Datasheet HTML 3Page - Linear Technology LTC4055 Datasheet HTML 4Page - Linear Technology LTC4055 Datasheet HTML 5Page - Linear Technology LTC4055 Datasheet HTML 6Page - Linear Technology LTC4055 Datasheet HTML 7Page - Linear Technology LTC4055 Datasheet HTML 8Page - Linear Technology LTC4055 Datasheet HTML 9Page - Linear Technology LTC4055 Datasheet HTML 10Page - Linear Technology LTC4055 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4085
7
4085fd
Input Connect Waveforms
Input Disconnect Waveforms
Response to HPWR
Wall Connect Waveforms,
VIN = 0V
Wall Disconnect Waveforms,
VIN = 0V
Response to Suspend
TA = 25°C unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
1ms/DIV
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
4085 G19
VBAT = 3.85V
IOUT = 100mA
1ms/DIV
VIN
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
4085 G20
VBAT = 3.85V
IOUT = 100mA
1ms/DIV
WALL
5V/DIV
VOUT
5V/DIV
IWALL
0.5A/DIV
IBAT
0.5A/DIV
4085 G22
VBAT = 3.85V
IOUT = 100mA
RPROG = 100k
1ms/DIV
WALL
5V/DIV
VOUT
5V/DIV
IWALL
0.5A/DIV
IBAT
0.5A/DIV
4085 G23
VBAT = 3.85V
IOUT = 100mA
RPROG = 100k
100μs/DIV
HPWR
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
4085 G21
VBAT = 3.85V
IOUT = 50mA
100μs/DIV
SUSP
5V/DIV
VOUT
5V/DIV
IIN
0.5A/DIV
IBAT
0.5A/DIV
4085 G24
VBAT = 3.85V
IOUT = 50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com