Electronic Components Datasheet Search
  English  ▼

X  

LTC3411 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3411
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3411 Datasheet(HTML) 3 Page - Linear Technology

  LTC3411 Datasheet HTML 1Page - Linear Technology LTC3411 Datasheet HTML 2Page - Linear Technology LTC3411 Datasheet HTML 3Page - Linear Technology LTC3411 Datasheet HTML 4Page - Linear Technology LTC3411 Datasheet HTML 5Page - Linear Technology LTC3411 Datasheet HTML 6Page - Linear Technology LTC3411 Datasheet HTML 7Page - Linear Technology LTC3411 Datasheet HTML 8Page - Linear Technology LTC3411 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC4065/LTC4065A
4065fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPROG
PROG Pin Pull-Up Current
VPROG > 1V
3
µA
(LTC4065A)
VMS,PROG
PROG Shutdown Threshold Voltage
VPROG Rising
●
3.7
4
4.3
V
(LTC4065A Only)
tSS
Soft-Start Time
180
µs
ITRKL
Trickle Charge Current
VBAT = 2V, RPROG = 2k (0.1%)
35
50
65
mA
VTRKL
Trickle Charge Threshold Voltage
VBAT Rising
●
2.7
2.9
3.05
V
VTRHYS
Trickle Charge Hysteresis Voltage
90
mV
∆VRECHRG
Recharge Battery Threshold Voltage
VFLOAT – VRECHRG, 0°C < TA < 85°C
70
100
130
mV
∆VUVCL1
(VCC – VBAT) Undervoltage Current
IBAT = 90% Programmed Charge Current
180
220
330
mV
∆VUVCL2
Limit
IBAT = 10% Programmed Charge Current
90
125
150
mV
tTIMER
Termination Timer
●
3
4.5
6
Hrs
Recharge Time
●
1.5
2.25
3
Hrs
Low-Battery Trickle Charge Time
VBAT = 2.5V
●
0.75
1.125
1.5
Hrs
VACPR
ACPR Pin Output Low Voltage
IACPR = 5mA
●
60
105
mV
(LTC4065A)
IACPR
ACPR Pin Input Current (LTC4065A)
VCC = 4V, VACPR = 4V, VBAT = 4.5V
●
01
µA
VCHRG
CHRG Pin Output Low Voltage
ICHRG = 5mA
●
60
105
mV
ICHRG
CHRG Pin Input Current
VBAT = 4.5V, VCHRG = 5V
●
01
µA
IC/10
End of Charge Indication Current
RPROG = 2k (Note 5)
●
0.085
0.1
0.115
mA/mA
Level
TLIM
Junction Temperature in Constant
115
°C
Temperature Mode
RON
Power FET “ON” Resistance
IBAT = 200mA
450
m
Ω
(Between VCC and BAT)
fBADBAT
Defective Battery Detection CHRG
2
Hz
Pulse Frequency
DBADBAT
Defective Battery Detection CHRG
75
%
Pulse Frequency Duty Ratio
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VCC = 5V, VBAT = 3.8V, VEN = 0V (LTC4065 only) unless otherwise specified. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC4065/LTC4065A are guaranteed to meet performance
specifications from 0
°C to 70°C. Specifications over the –40°C to 85°C
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: Failure to solder the exposed backside of the package to the PC
board ground plane will result in a thermal resistance much higher than
rated.
Note 4: Although the LTC4065 functions properly at 3.75V, full charge
current requires an input voltage greater than the desired final battery
voltage per the
∆VUVCL1 specification.
Note 5: IC/10 is expressed as a fraction of measured full charge current
with indicated PROG resistor.
Note 6: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com