Electronic Components Datasheet Search
  English  ▼

X  

LTC3440 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3440
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3440 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3440 Datasheet HTML 5Page - Linear Technology LTC3440 Datasheet HTML 6Page - Linear Technology LTC3440 Datasheet HTML 7Page - Linear Technology LTC3440 Datasheet HTML 8Page - Linear Technology LTC3440 Datasheet HTML 9Page - Linear Technology LTC3440 Datasheet HTML 10Page - Linear Technology LTC3440 Datasheet HTML 11Page - Linear Technology LTC3440 Datasheet HTML 12Page - Linear Technology LTC3440 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC4065/LTC4065A
4065fb
SI
PLIFIED BLOCK DIAGRA S
Figure 1b. LTC4065A Block Diagram
–
+
–
+
–+
–+
2
+
MP
M2
×1
M1
×1000
VCC
VCC
R1
R2
ENABLE
4V
R3
R4
R5
2.9V
CHRG
6
PROG
1
GND
4056 F01b
RPROG
BAT
1V
PROG
C/10
C2
C3
0.1V
1.2V
VBAT + 80mV
3.6V
0.1V
D2
D3
D1
TDIE
115
°C
1.2V
REF
CA
MA
LOBAT
–
+
C1
VA
5
ACPR
3
4
BAT
LOGIC
COUNTER
OSCILLATOR
SHUTDOWN
CHARGE CONTROL
–
+
TA
OPERATIO
The LTC4065 is a linear battery charger designed primarily
for charging single cell lithium-ion batteries. Featuring an
internal P-channel power MOSFET, the charger uses a
constant-current/constant-voltage charge algorithm with
programmable current. Charge current can be programmed
up to 750mA with a final float voltage accuracy of
±0.6%.
The CHRG open-drain status output indicates if C/10 has
been reached. No blocking diode or external sense resistor
is required; thus, the basic charger circuit requires only
two external components. The ACPR pin (LTC4065A)
monitors the status of the input voltage with an open-drain
output. An internal termination timer and trickle charge
low-battery conditioning adhere to battery manufacturer
safety guidelines. Furthermore, the LTC4065 is capable of
operating from a USB power source.
An internal thermal limit reduces the programmed charge
current if the die temperature attempts to rise above a
preset value of approximately 115
°C. This feature protects
the LTC4065 from excessive temperature and allows the
user to push the limits of the power handling capability of
a given circuit board without risk of damaging the LTC4065
or external components. Another benefit of the LTC4065
thermal limit is that charge current can be set according to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com