Electronic Components Datasheet Search
  English  ▼

X  

LTC4414 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4414
Description  36V, Low Loss Dual PowerPath Controllers for Large PFETs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4414 Datasheet(HTML) 1 Page - Linear Technology

  LTC4414 Datasheet HTML 1Page - Linear Technology LTC4414 Datasheet HTML 2Page - Linear Technology LTC4414 Datasheet HTML 3Page - Linear Technology LTC4414 Datasheet HTML 4Page - Linear Technology LTC4414 Datasheet HTML 5Page - Linear Technology LTC4414 Datasheet HTML 6Page - Linear Technology LTC4414 Datasheet HTML 7Page - Linear Technology LTC4414 Datasheet HTML 8Page - Linear Technology LTC4414 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4416/LTC4416-1

4416fa
36V, Low Loss Dual
PowerPath Controllers for
Large PFETs
The LTC®4416/LTC4416-1 control two sets of external
P-channelMOSFETstocreatetwonearidealdiodefunctions
forpowerswitchovercircuits.Thispermitshighlyefficient
OR’ing of multiple power sources for extended battery life
and low self heating. When conducting, the voltage drop
acrosstheMOSFETistypically25mV.Forapplicationswith
a wall adapter or other auxiliary power source, the load is
automaticallydisconnectedfromthebatterywhentheaux-
iliarysourceisconnected.
The LTC4416 integrates two interconnected PowerPathTM
controllers with soft switchover control. The “soft-off”
switchover permits the users to transfer between two dis-
similar voltages without excessive voltage undershoot (or
VDROOP)intheoutputsupply.TheLTC4416/LTC4416-1also
containa“fast-on”featurethatdramaticallyincreasesgate
drivecurrentwhentheforwardinputvoltageexceeds25mV.
The LTC4416 “fast off” feature is engaged when the sense
voltageexceedstheinputvoltageby25mV.TheLTC4416-1
enables the fast off under the same conditions and when
the other external P-channel device is selected using the
enablepins.
Thewideoperatingsupplyrangesupportsoperationfromone
toeightLi-Ioncellsinseries.Thelowquiescentcurrent(35µA
perchannel)isindependentoftheloadcurrent.Thegatedriver
includesaninternalvoltageclampforMOSFETprotection.
TheLTC4416/LTC4416-1areavailableinlowprofile10-lead
MSOPpackages.
■
High Current PowerPath Switch
■
Industrial and Automotive Applications
■
Uninterruptible Power Supplies
■
Logic Controlled Power Switch
■
Battery Backup System
■
Emergency Systems with Battery Backups
■
Designed Specifically to Drive Large and Small QG
PFETs
■
Very Low Loss Replacement for Power Supply
OR’ing Diodes
■
Wide Operating Voltage Range: 3.6V to 36V
■
–40°C to 125°C Operating Temperature Range
■
Reverse Battery Protection
■
Automatic Switching Between DC Sources
■
Low Quiescent Current: 35µA per Channel
■
Load Current Sharing
■
MOSFET Gate Protection Clamp
■
Precision Input Control Comparators for Setting
Switchover Threshold Points
■
Open-Drain Feedback Points for Customer Specified
Hysteresis Control
■
Minimal External Components
■
Space Saving 10-Lead MSOP Package
Automatic PowerPath Switchover
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTc and LTM are registered trademarks of Linear Technology corporation.
PowerPath is a trademark of Linear Technology corporation.
All other trademarks are the property of their respective owners.
LTC4416
PRIMARY SUPPLY
BACKUP SUPPLY
V2 = 10.8V
V1 = 12V (FAIL)
V1 = 13.5V (RESTORE)
SUP75P03_07
SUP75P03_07
E1
GND
E2
H2
H1
V1
G1
VS
G2
V2
24.9k
187k
221k
V1
GND
V2
VS
4416 TA01
FORWARD VOLTAGE (V)
0.02
0
8.0
3.6
cONSTANT
RON
4416 TA01b
0.5
cONSTANT
VOLTAGE
ScHOTTKY
DIODE
LTc4416
LTC4416 vs Schottky Diode
Forward Voltage Drop
LTC4416-1
H1
E1
GND
E2
H2
G1
V1
VS
V2
G2
182k
24.3k
24.9k
GND
VIN
187k
VTH1 WITH
HYSTERESIS
VTH2 WITH
HYSTERESIS
VOUT
TO
LOAD
4416 TA01c
75k
221k
UV ENABLED AT 5V, VIN RESTORED TO LOAD WHEN VIN RISES TO 5.5V
OV ENABLED AT 13.5V, VIN RESTORED TO LOAD WHEN VIN FALLS TO 12V
Under and Overvoltage Shutdown Operation


Similar Part No. - LTC4414

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4414 LINER-LTC4414 Datasheet
166Kb / 12P
36V, Low Loss PowerPathTM Controller for Large PFETs
LTC4414EMS8 LINER-LTC4414EMS8 Datasheet
166Kb / 12P
36V, Low Loss PowerPathTM Controller for Large PFETs
LTC4414IMS8 LINER-LTC4414IMS8 Datasheet
166Kb / 12P
36V, Low Loss PowerPathTM Controller for Large PFETs
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
36V, Low Loss PowerPath Controller for Large PFETs
More results

Similar Description - LTC4414

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4414 LINER-LTC4414 Datasheet
166Kb / 12P
36V, Low Loss PowerPathTM Controller for Large PFETs
LTC4416 LINER-LTC4416 Datasheet
209Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4412HV LINER-LTC4412HV_15 Datasheet
182Kb / 12P
36V, Low Loss PowerPath Controller in ThinSOT
LTC4416 LINER-LTC4416_15 Datasheet
256Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416-1 LINER-LTC4416-1_15 Datasheet
256Kb / 12P
36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1473L LINER-LTC1473L_15 Datasheet
170Kb / 16P
Dual Low Voltage PowerPath Switch Driver
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
36V, Low Loss PowerPath Controller for Large PFETs
LTC4412 LINER-LTC4412_15 Datasheet
405Kb / 14P
Low Loss PowerPath Controller in ThinSOT
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
PowerPath Controller for Dual Battery Systems
LTC3118 LINER-LTC3118 Datasheet
1Mb / 40P
18V, 2A Buck-Boost DC/DC Converter with Low Loss Dual Input PowerPath
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com