Electronic Components Datasheet Search
  English  ▼

X  

LTC4413 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4413
Description  Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4413 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4413 Datasheet HTML 8Page - Linear Technology LTC4413 Datasheet HTML 9Page - Linear Technology LTC4413 Datasheet HTML 10Page - Linear Technology LTC4413 Datasheet HTML 11Page - Linear Technology LTC4413 Datasheet HTML 12Page - Linear Technology LTC4413 Datasheet HTML 13Page - Linear Technology LTC4413 Datasheet HTML 14Page - Linear Technology LTC4413 Datasheet HTML 15Page - Linear Technology LTC4413 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
15
LTC4065/LTC4065A
4065fb
2.00
±0.10
(4 SIDES)
NOTE:
1. DRAWING TO BE MADE A JEDEC PACKAGE OUTLINE M0-229 VARIATION OF (WCCD-2)
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
0.38
± 0.05
BOTTOM VIEW—EXPOSED PAD
0.56
± 0.05
(2 SIDES)
0.75
±0.05
R = 0.115
TYP
1.37
±0.05
(2 SIDES)
1
3
6
4
PIN 1 BAR
TOP MARK
(SEE NOTE 6)
0.200 REF
0.00 – 0.05
(DC6) DFN 1103
0.25
± 0.05
0.50 BSC
0.25
± 0.05
1.42
±0.05
(2 SIDES)
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
0.61
±0.05
(2 SIDES)
1.15
±0.05
0.675
±0.05
2.50
±0.05
PACKAGE
OUTLINE
0.50 BSC
PIN 1
CHAMFER OF
EXPOSED PAD
Furthermore, the voltage at the PROG pin will change
proportionally with the charge current as discussed in the
Programming Charge Current section.
It is important to remember that LTC4065/LTC4065A
applications do not need to be designed for worst-case
thermal conditions since the IC will automatically reduce
power dissipation when the junction temperature reaches
approximately 115
°C.
Board Layout Considerations
In order to deliver maximum charge current under all
conditions, it is critical that the exposed metal pad on the
backside of the LTC4065/LTC4065A package is soldered
to the PC board ground. Correctly soldered to a 2500mm2
double-sided 1 oz. copper board the LTC4065/LTC4065A
has a thermal resistance of approximately 60
°C/W. Failure
to make thermal contact between the Exposed Pad on the
APPLICATIO S I FOR ATIO
backside of the package and the copper board will result
in thermal resistances far greater than 60
°C/W. As an
example, a correctly soldered LTC4065/LTC4065A can
deliver over 750mA to a battery from a 5V supply at room
temperature. Without a backside thermal connection, this
number could drop to less than 500mA.
VCC Bypass Capacitor
Many types of capacitors can be used for input bypassing;
however, caution must be exercised when using multi-
layer ceramic capacitors. Because of the self-resonant and
high Q characteristics of some types of ceramic capaci-
tors, high voltage transients can be generated under some
start-up conditions, such as connecting the charger input
to a live power source. For more information, refer to
Application Note 88.
PACKAGE DESCRIPTIO
DC Package
6-Lead Plastic DFN (2mm
× 2mm)
(Reference LTC DWG # 05-08-1703)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com