Electronic Components Datasheet Search
  English  ▼

X  

LT1812 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1812
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812 Datasheet(HTML) 3 Page - Linear Technology

  LT1812 Datasheet HTML 1Page - Linear Technology LT1812 Datasheet HTML 2Page - Linear Technology LT1812 Datasheet HTML 3Page - Linear Technology LT1812 Datasheet HTML 4Page - Linear Technology LT1812 Datasheet HTML 5Page - Linear Technology LT1812 Datasheet HTML 6Page - Linear Technology LT1812 Datasheet HTML 7Page - Linear Technology LT1812 Datasheet HTML 8Page - Linear Technology LT1812 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC6400-14
3
640014fb
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input/Output Characteristic
GDIFF
Gain
VIN = ±200mV Differential
l
13.5
14
14.5
dB
TCGAIN
Gain Temperature Drift
VIN = ±200mV Differential
l
–0.9
mdB/°C
VSWINGMIN
Output Swing Low
Each Output, VIN = ±800mV Differential
l
77
160
mV
VSWINGMAX
Output Swing High
Each Output, VIN = ±800mV Differential
l
2.35
2.48
V
VOUTDIFFMAX
Maximum Differential Output Swing
1dB Compressed
l
4.8
VP-P
IOUT
Output Current Drive
Each Output
l
20
mA
VOSDIFF
Input Differential Offset Voltage
l
–3
3
mV
TCVOSDIFF
Input Differential Offset Voltage Drift
TMIN to TMAX
l
0.7
μV/°C
IVRMIN
Input Common Mode Voltage Range, MIN
1
V
IVRMAX
Input Common Mode Voltage Range, MAX
1.8
V
RINDIFF
Input Resistance (+IN, –IN)
Differential
l
170
200
230
Ω
CINDIFF
Input Capacitance (+IN, –IN)
Differential, Includes Parasitic
1
pF
ROUTDIFF
Output Resistance (+OUT, –OUT)
Differential
l
18
25
32
Ω
ROUTFDIFF
Filtered Output Resistance (+OUTF, –OUTF)
Differential
l
85
100
115
Ω
COUTFDIFF
Filtered Output Capacitance (+OUTF, –OUTF)
Differential, Includes Parasitic
2.7
pF
CMRR
Common Mode Rejection Ratio
Input Common Mode Voltage 1.1V~1.7V
l
40
62
dB
Output Common Mode Voltage Control
GCM
Common Mode Gain
VOCM = 1V to 1.6V
1
V/V
VOCMMIN
Output Common Mode Range, MIN
l
1
1.1
V
V
VOCMMAX
Output Common Mode Range, MAX
l
1.6
1.5
V
V
VOSCM
Common Mode Offset Voltage
VOCM = 1.1V to 1.5V
l
–15
15
mV
TCVOSCM
Common Mode Offset Voltage Drift
TMIN to TMAX
l
9μV/°C
IVOCM
VOCM Input Current
l
415
μA
ENABLE Pin
VIL
ENABLE Input Low Voltage
l
0.8
V
VIH
ENABLE Input High Voltage
l
2.4
V
IIL
ENABLE Input Low Current
ENABLE = 0.8V
l
0.5
μA
IIH
ENABLE Input High Current
ENABLE = 2.4V
l
1.3
3
μA
Power Supply
VS
Operating Supply Range
l
2.85
3
3.5
V
IS
Supply Current
ENABLE = 0.8V
l
70
85
96
mA
ISHDN
Shutdown Supply Current
ENABLE = 2.4V, Input and Output Floating l
0.9
3
mA
PSRR
Power Supply Rejection Ratio (Differential
Outputs)
V+ = 2.85V to 3.5V
l
55
76
dB
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 3V, V– = 0V, +IN = –IN = VOCM = 1.25V, ENABLE = 0V, No RL unless
otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com