Electronic Components Datasheet Search
  English  ▼

X  

LTC1921 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1921
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1921 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1921 Datasheet HTML 6Page - Linear Technology LTC1921 Datasheet HTML 7Page - Linear Technology LTC1921 Datasheet HTML 8Page - Linear Technology LTC1921 Datasheet HTML 9Page - Linear Technology LTC1921 Datasheet HTML 10Page - Linear Technology LTC1921 Datasheet HTML 11Page - Linear Technology LTC1921 Datasheet HTML 12Page - Linear Technology LTC1921 Datasheet HTML 13Page - Linear Technology LTC1921 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
LTC6101/LTC6101HV
10
6101fh
APPLICATIONS INFORMATION
Figure 2. Kelvin Input Connection Preserves
Accuracy Despite Large Load Current
LTC6101
ROUT
VOUT
6101 F02
RIN
V+
LOAD
RSENSE
V+
V–
OUT
–IN
+IN
Useful Gain Configurations
Gain
RIN
ROUT
VSENSE at VOUT = 5V IOUT at VOUT = 5V
20
499
10k
250mV
500μA
50
200
10k
100mV
500μA
100
100
10k
50mV
500μA
Selection of External Current Sense Resistor
The external sense resistor, RSENSE, has a significant effect
on the function of a current sensing system and must be
chosen with care.
First, the power dissipation in the resistor should be
considered. The system load current will cause both heat
and voltage loss in RSENSE. As a result, the sense resis-
tor should be as small as possible while still providing
the input dynamic range required by the measurement.
Note that input dynamic range is the difference between
the maximum input signal and the minimum accurately
reproduced signal, and is limited primarily by input DC
offset of the internal amplifier of the LTC6101. In addition,
RSENSE must be small enough that VSENSE does not exceed
the maximum input voltage specified by the LTC6101, even
under peak load conditions. As an example, an application
may require that the maximum sense voltage be 100mV.
If this application is expected to draw 2A at peak load,
RSENSE should be no more than 50mΩ.
Once the maximum RSENSE value is determined, the mini-
mum sense resistor value will be set by the resolution or
dynamic range required. The minimum signal that can be
accurately represented by this sense amp is limited by the
input offset. As an example, the LTC6101B has a typical
input offset of 150μV. If the minimum current is 20mA, a
sense resistor of 7.5mΩ will set VSENSE to 150μV. This is
the same value as the input offset. A larger sense resistor
will reduce the error due to offset by increasing the sense
voltage for a given load current.
Choosing a 50mΩ RSENSE willmaximizethedynamicrange
and provide a system that has 100mV across the sense
resistor at peak load (2A), while input offset causes an
error equivalent to only 3mA of load current.
Peak dissipation is 200mW. If a 5mΩ sense resistor is
employed, then the effective current error is 30mA, while
the peak sense voltage is reduced to 10mV at 2A, dis-
sipating only 20mW.
The low offset and corresponding large dynamic range of
the LTC6101 make it more flexible than other solutions in
this respect. The 150μV typical offset gives 60dB of dy-
namic range for a sense voltage that is limited to 150mV
max, and over 70dB of dynamic range if the rated input
maximum of 500mV is allowed.
Sense Resistor Connection
Kelvin connection of the IN– and IN+ inputs to the sense
resistor should be used in all but the lowest power ap-
plications. Solder connections and PC board interconnec-
tions that carry high current can cause significant error
in measurement due to their relatively large resistances.
One 10mm x 10mm square trace of one-ounce copper
is approximately 0.5mΩ. A 1mV error can be caused by
as little as 2A flowing through this small interconnect.
This will cause a 1% error in a 100mV signal. A 10A load
current in the same interconnect will cause a 5% error
for the same 100mV signal. By isolating the sense traces
from the high-current paths, this error can be reduced
by orders of magnitude. A sense resistor with integrated
Kelvin sense terminals will give the best results. Figure 2
illustrates the recommended method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com