Electronic Components Datasheet Search
  English  ▼

X  

LTC2050 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2050
Description  High Voltage, High-Side Current Sense
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2050 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2050 Datasheet HTML 10Page - Linear Technology LTC2050 Datasheet HTML 11Page - Linear Technology LTC2050 Datasheet HTML 12Page - Linear Technology LTC2050 Datasheet HTML 13Page - Linear Technology LTC2050 Datasheet HTML 14Page - Linear Technology LTC2050 Datasheet HTML 15Page - Linear Technology LTC2050 Datasheet HTML 16Page - Linear Technology LTC2050 Datasheet HTML 17Page - Linear Technology LTC2050 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LTC6101/LTC6101HV
14
6101fh
APPLICATIONS INFORMATION
Output Filtering
The output voltage, VOUT, is simply IOUT • ZOUT. This
makes filtering straightforward. Any circuit may be used
which generates the required ZOUT to get the desired filter
response. For example, a capacitor in parallel with ROUT
will give a low pass response. This will reduce unwanted
noise from the output, and may also be useful as a charge
reservoir to keep the output steady while driving a switch-
ing circuit such as a mux or ADC. This output capacitor
in parallel with an output resistor will create a pole in the
output response at:
f
–3dB =
1
2•
π •R
OUT •COUT
Useful Equations
Input Voltage: VSENSE =ISENSE •RSENSE
Voltage Gain:
VOUT
VSENSE
=
ROUT
RIN
Current Gain:
IOUT
ISENSE
=
RSENSE
RIN
Transconductance:
IOUT
VSENSE
=
1
RIN
Transimpedance:
VOUT
ISENSE
= R
SENSE •
ROUT
RIN
Figure 5. V+ Powered Separately from
Load Supply (VBATT)
Figure 6. LTC6101 Supply Current
Monitored with Load
LTC6101
ROUT
VOUT
6101 F05
RIN
LOAD
V+
RSENSE
VBATTERY
V+
V–
OUT
–IN
+IN
LTC6101
ROUT
VOUT
6101 F06
RIN
LOAD
V+
RSENSE
V+
V–
OUT
–IN
+IN
Input Common Mode Range
The inputs of the LTC6101 can function from 1.5V below
the positive supply to 0.5V above it. Not only does this
allow a wide VSENSE range, it also allows the input refer-
ence to be separate from the positive supply (Figure 5).
Note that the difference between VBATT and V+ must be no
more than the common mode range listed in the Electrical
Characteristics table. If the maximum VSENSE is less than
500mV, the LTC6101 may monitor its own supply current,
as well as that of the load (Figure 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com