Electronic Components Datasheet Search
  English  ▼

X  

SK12 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SK12
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SK12 Datasheet(HTML) 2 Page - Diodes Incorporated

  SK12 Datasheet HTML 1Page - Diodes Incorporated SK12 Datasheet HTML 2Page - Diodes Incorporated SK12 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS13003 Rev. 8 - 3
2 of 3
SK12-SK16
www.diodes.com
1.0
0.8
0.6
0.4
0.2
0
40
60
80
100
120
140
160
180
T , AMBIENT TEMPERATURE (ºC)
Fig. 1, Forward Current Derating Curve
A
SINGLE PHASE HALF-WAVE
60 Hz RESISTIVE OR INDUCTIVE LOAD
6.0mm COPPER PADS
2
1
10
100
0
5
10
15
20
25
NUMBER OF CYCLES @ 60 Hz
Fig. 4, Max Non-Repetitive Peak Forward Surge Current
8.3ms SINGLE HALF SINE-WAVE
JEDEC METHOD
0.1
1.0
10
100
10
100
400
V , REVERSE VOLTAGE (VOLTS)
Fig. 3, Typical Total Capacitance
R
T = 25ºC
f = 1.0MHz
J
0.1
0.5
0.9
1.3
1.7
2.1
0.01
0.1
1.0
4.0
V INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2, Typical Forward Characteristics
F
T = 25ºC
PULSE WIDTH = 300 mS
2% DUTY CYCLE
J
SK12-14
SK15-16
NOT RECOMMENDED FOR NEW DESIGNS -
Use B1x0B Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com