Electronic Components Datasheet Search
  English  ▼

X  

ST802RT1B Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST802RT1B
Description  10/100 real-time Ethernet 3.3 V transceiver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST802RT1B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST802RT1B Datasheet HTML 2Page - STMicroelectronics ST802RT1B Datasheet HTML 3Page - STMicroelectronics ST802RT1B Datasheet HTML 4Page - STMicroelectronics ST802RT1B Datasheet HTML 5Page - STMicroelectronics ST802RT1B Datasheet HTML 6Page - STMicroelectronics ST802RT1B Datasheet HTML 7Page - STMicroelectronics ST802RT1B Datasheet HTML 8Page - STMicroelectronics ST802RT1B Datasheet HTML 9Page - STMicroelectronics ST802RT1B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
Features
ST802RT1A, ST802RT1B
6/58
Doc ID 17049 Rev 1
1
Features
1.1
Physical layer
The ST802RT1x integrates the entire physical layer functions of 100Base-TX, 10Base-
T and 100Base-FX (B version only)
Optimized deterministic latency for real-time Ethernet operation
Provides full-duplex operation in both 100 Mbps and 10 Mbps modes
Provides auto-negotiation (NWAY) function of full/half-duplex operation for both 10 and
100 Mbps
Provides MLT-3 transceiver with DC restoration for base-line wander compensation
Provides transmit wave-shaper, receive filters, and adaptive equalizer
Provides loop-back modes for diagnostics
Built-in stream cipher scrambler/ de-scrambler and 4B/5B encoder/decoder
Supports external transformer with a turn ratio of 1.414:1
1.2
LED display
The ST802RT1x supports three configurable light emitting diode (LED) pins. The three
supported LED configurations are: link, speed, activity and collision. Functions are
multiplexed among the LEDs according to the LED mode selected through bit 9 of the
Auxiliary mode 2 register (RN1B[9]). Since these LED pins are also used as strap options,
the polarity of the LED is dependent on whether the pin is pulled up or down.
See Table 26 and paragraph 7.11 for more details of LED mode selection.
1.3
Package
48-pin LQFP (7 x 7 mm.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com