Electronic Components Datasheet Search
  English  ▼

X  

STF15N65M5 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF15N65M5
Description  N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N65M5 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF15N65M5 Datasheet HTML 2Page - STMicroelectronics STF15N65M5 Datasheet HTML 3Page - STMicroelectronics STF15N65M5 Datasheet HTML 4Page - STMicroelectronics STF15N65M5 Datasheet HTML 5Page - STMicroelectronics STF15N65M5 Datasheet HTML 6Page - STMicroelectronics STF15N65M5 Datasheet HTML 7Page - STMicroelectronics STF15N65M5 Datasheet HTML 8Page - STMicroelectronics STF15N65M5 Datasheet HTML 9Page - STMicroelectronics STF15N65M5 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Electrical characteristics
STF15N65M5, STFI15N65M5, STP15N65M5
6/17
Doc ID 022863 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220FP
and I2PAKFP
Figure 3.
Thermal impedance for TO-220FP
and I2PAKFP
Figure 4.
Safe operating area for TO-220
Figure 5.
Thermal impedance for TO-220
Figure 6.
Output characteristics
Figure 7.
Transfer characteristics
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
AM15286v1
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single
pulse
AM15285v1
ID
15
10
5
0
0
10
VDS(V)
20
(A)
5
15
20
VGS= 6 V
VGS= 7 V
VGS= 9, 10 V
25
VGS= 8 V
AM15287v1
ID
15
10
5
0
3
5
VGS(V)
7
(A)
4
6
8
20
9
VDS= 25 V
AM152887v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com