Electronic Components Datasheet Search
  English  ▼

X  

STFI15N65M5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STFI15N65M5
Description  N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI15N65M5 Datasheet(HTML) 4 Page - STMicroelectronics

  STFI15N65M5 Datasheet HTML 1Page - STMicroelectronics STFI15N65M5 Datasheet HTML 2Page - STMicroelectronics STFI15N65M5 Datasheet HTML 3Page - STMicroelectronics STFI15N65M5 Datasheet HTML 4Page - STMicroelectronics STFI15N65M5 Datasheet HTML 5Page - STMicroelectronics STFI15N65M5 Datasheet HTML 6Page - STMicroelectronics STFI15N65M5 Datasheet HTML 7Page - STMicroelectronics STFI15N65M5 Datasheet HTML 8Page - STMicroelectronics STFI15N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Electrical characteristics
STF15N65M5, STFI15N65M5, STP15N65M5
4/17
Doc ID 022863 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS = 0
650
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 650 V
VDS = 650 V, TC=125 °C
1
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ± 25 V
± 100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
3
4
5
V
RDS(on)
Static drain-source on-
resistance
VGS = 10 V, ID = 5.5 A
0.308
0.34
Ω
Table 6.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0
-
816
23
2.6
-
pF
pF
pF
Co(tr)
(1)
1.
Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when
VDS increases from 0 to 80% VDSS
Equivalent
capacitance time
related
VDS = 0 to 520 V, VGS = 0
-70
-
pF
Co(er)
(2)
2.
Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss
when VDS increases from 0 to 80% VDSS
Equivalent
capacitance energy
related
-21
-
pF
RG
Intrinsic gate
resistance
f = 1 MHz open drain
-
5
-
Ω
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 520 V, ID = 5.5 A,
VGS = 10 V
(see Figure 18)
-
22
5.5
11
-
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com