Electronic Components Datasheet Search
  English  ▼

X  

PC817X1 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC817X1
Description  DIP 4pin General Purpose Photocoupler
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817X1 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC817X1 Datasheet HTML 2Page - Sharp Corporation PC817X1 Datasheet HTML 3Page - Sharp Corporation PC817X1 Datasheet HTML 4Page - Sharp Corporation PC817X1 Datasheet HTML 5Page - Sharp Corporation PC817X1 Datasheet HTML 6Page - Sharp Corporation PC817X1 Datasheet HTML 7Page - Sharp Corporation PC817X1 Datasheet HTML 8Page - Sharp Corporation PC817X1 Datasheet HTML 9Page - Sharp Corporation PC817X1 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Sheet No.: D2-A03101EN
Forward current IF (mA)
0.1
1
10
0
800
700
600
500
400
300
200
100
VCE
=5V
Ta
=25˚C
Fig.6 Current Transfer Ratio vs. Forward
Current
Duty ratio
5
5
Pulse width
≤100µs
Ta
=25˚C
10
20
100
50
200
500
2
10−
3
10−
2
52
10−
1
52
5
1
10 000
5 000
2 000
1 000
Fig.5 Peak Forward Current vs. Duty Ratio
6
PC817X Series
Ambient temperature Ta (˚C)
0
50
40
30
20
10
−30
0
25
50 55
75
100
125
Fig.1 Forward Current vs. Ambient
Temperature
Ambient temperature Ta (˚C)
0
100
80
70
60
40
20
−30
0
25
50 55
75
100
125
Fig.2 Diode Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0
250
200
150
100
50
−30
0
25
50
75
100
125
Fig.3 Collector Power Dissipation vs.
Ambient Temperature
Fig.4 Total Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (˚C)
0
250
200
150
100
50
−30
0
25
50
75
100
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com