Electronic Components Datasheet Search
  English  ▼

X  

476KXM063M Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # 476KXM063M
Description  RF Power Field Effect Transistors
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

476KXM063M Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button 476KXM063M Datasheet HTML 5Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 6Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 7Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 8Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 9Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 10Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 11Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 12Page - Freescale Semiconductor, Inc 476KXM063M Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MRF6V2300NR1 MRF6V2300NBR1
9
RF Device Data
Freescale Semiconductor
Figure 16. MRF6V2300NR1(NBR1) Test Circuit Component Layout — 27 MHz
C20 C19
B1
C18
C17
C16
C15
B2
C14
C11
C13
C12
L2*, R3*, **
C2 C1
T1
L1
C6
C3
C5
C4
R1
R2
C7
C8
T2
C9
C10
C23
C22
C21
L3*, R4*, **
C24
B3
C25
27 MHz
272--WB
Rev. 0
Table 7. MRF6V2300NR1(NBR1) Test Circuit Component Designations and Values — 27 MHz
Part
Description
Part Number
Manufacturer
B1, B3
95 Ω, 100 MHz Long Ferrite Beads
2743021447
Fair--Rite
B2
47 Ω, 100 MHz Short Ferrite Bead
2743019447
Fair--Rite
C1
160 pF Chip Capacitor
ATC100B161JT500XT
ATC
C2
620 pF Chip Capacitor
ATC100B621JT100XT
ATC
C3, C4, C5
1000 pF Chip Capacitors
ATC100B102JT50XT
ATC
C6
68 pF Chip Capacitor
ATC100B680JT500XT
ATC
C7, C8
330 pF Chip Capacitors
ATC100B331JT200XT
ATC
C9
51 pF Chip Capacitor
ATC100B510GT500XT
ATC
C10
240 pF Chip Capacitor
ATC100B241JT200XT
ATC
C11, C16, C24
0.1 μF Chip Capacitors
CDR33BX104AKYS
Kemet
C12, C17
22K pF Chip Capacitors
ATC200B223KT50XT
ATC
C13
0.22 μF, 50 V Chip Capacitor
C1812C224K5RAC--TU
Kemet
C14, C15
2.2 μF, 50 V Chip Capacitors
C1825C225J5RAC--TU
Kemet
C18, C21, C22
39K pF Chip Capacitors
ATC200B393KT50XT
ATC
C19
10 μF, 35 V Tantalum Capacitor
T491D106K035AT
Kemet
C20
22 μF, 35 V Tantalum Capacitor
T491X226K035AT
Kemet
C23
0.01 μF, 100 V Chip Capacitor
C1825C103K1GAC--TU
Kemet
C25
470 μF, 63 V Electrolytic Capacitor
MCGPR63V477M13X26--RH
Multicomp
L1
100 nH Inductor
1812SMS--R10J
Coilcraft
L2*
11 Turn, #16 AWG, Inductor, Hand Wound, 0.375″ ID
Copper Wire
L3*
9 Turn, #16 AWG, Inductor, Hand Wound, 0.375″ ID
Copper Wire
R1, R2
3.3 Ω, 1/4 W Chip Resistors
RK73B2ETTD3R3J
KOA
R3*, **
110 Ω, 1/4 W Carbon Resistor
MCCFR0W4J0111A50
Multicomp
R4*, **
510 Ω, 1/2 W Carbon Resistor
MCRC1/2G511JT--RH
Multicomp
T1
RF600 Transformer 16:1 Impedance Ratio
RF600LF--16
Comm Concepts
T2
RF1000 Transformer 9:1 Impedance Ratio
RF1000LF--9
Comm Concepts
* Leaded components mounted over traces.
** Resistor is mounted at center of inductor coil.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com