Electronic Components Datasheet Search
  English  ▼

X  

ESR01 Datasheet(PDF) 3 Page - Rohm

Part # ESR01
Description  Anti-surge Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ESR01 Datasheet(HTML) 3 Page - Rohm

  ESR01 Datasheet HTML 1Page - Rohm ESR01 Datasheet HTML 2Page - Rohm ESR01 Datasheet HTML 3Page - Rohm ESR01 Datasheet HTML 4Page - Rohm ESR01 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
○
c
2012 ROHM Co., Ltd. All rights reserved.
2012.11 - Rev.C
Data Sheet
ESR Series
Derating Curve
When the ambient temperature exceeds 70°C, power dissipation must be adjusted according to the derating curves below.
ESR01 / 03 / 10 / 18 / 25
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)
Characteristics
Test Items
Test Conditions
Resistor Type
Guaranteed Value
Endurance at 70
°C
Endurance
Bend strength of
the end face plating
Resistance to solvent
± (2.0%+0.1Ω)
± (1.0%+0.05Ω)
± (3.0%+0.1Ω)
See P.1
See P.1
20
°C
No remarkable abnormality on the appearance.
A new uniform coating of minimum of
95% of the surface being immersed
and no soldering damage.
Without mechanical damage such as breaks.
Compliance Standard(s) : IEC60115
−8
JISC 5201
−8
Measurement :
+20 / −55 / +20 / +125°C
Soldering condition : 260
±5°C
Duration of immersion : 10
±1s
40
°C, 93%RH (Relative Humidity)
Test time : 1,000h to 1,048h
± (3.0%+0.1Ω)
± (3.0%+0.1Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
± (1.0%+0.05Ω)
70
°C
Rated voltage (current)
1.5h : ON
− 0.5h : OFF
Test time : 1,000h to 1,048h
155
°C
Test time : 1,000h to 1,048h
23
±5°C, Immersion cleaning, 5±0.5min
Solvent : 2
−propanol
EIAJ ED-4701 / 300 TEST METHOD304
Voltage : 2kV (ESR01)
3kV (ESR03 / 10 / 18)
5kV (ESR25)
C : 100pF
R : 1.5k
Ω
Apply cycle : 1time
−
Static electric
characteristics
± (5.0%+0.05Ω)
Test temp. :
−55°C to +125°C 5cycle
Rosin·Ethanol : 25% (Weight)
Soldering condition : 235
±5°C
Duration of immersion : 2.0
±0.5s
Rated voltage (current)
×2.0, 2s (ESR01)
Rated voltage (current)
×2.5, 2s (ESR03 / 10 / 18 / 25)
Maximum overload voltage
Variation of resistance
with temperature
Resistance
Overload
Solderability
Resistance to
soldering heat
Rapid change of
temperature
Damp heat, steady state
Chip weight (typical value)
ESR01
ESR03
ESR10
ESR18
ESR25
mg/pc
Parameter
Unit
0.63
2.18
5.13
9.62
16.47
Weight



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com