Electronic Components Datasheet Search
  English  ▼

X  

PHD13005 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PHD13005
Description  NPN power transistor with integrated diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHD13005 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PHD13005 Datasheet HTML 2Page - NXP Semiconductors PHD13005 Datasheet HTML 3Page - NXP Semiconductors PHD13005 Datasheet HTML 4Page - NXP Semiconductors PHD13005 Datasheet HTML 5Page - NXP Semiconductors PHD13005 Datasheet HTML 6Page - NXP Semiconductors PHD13005 Datasheet HTML 7Page - NXP Semiconductors PHD13005 Datasheet HTML 8Page - NXP Semiconductors PHD13005 Datasheet HTML 9Page - NXP Semiconductors PHD13005 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
PHD13005
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 29 July 2010
6 of 14
NXP Semiconductors
PHD13005
NPN power transistor with integrated diode
6.
Characteristics
[1]
measured with half-sine wave voltage (curve tracer)
Table 6.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ICES
collector-emitter cut-off
current
VBE =0V; VCE = 700 V; Tj =100 °C
[1] --5
mA
VBE =0V; VCE = 700 V
[1] --1
mA
ICBO
collector-base cut-off current
VCB = 700 V; IE =0A
[1] --1
mA
ICEO
collector-emitter cut-off
current
VCE = 400 V; IB =0A
[1] --0.1
mA
IEBO
emitter-base cut-off current
VEB =9V; IC = 0 A
--10
mA
VCEOsus
collector-emitter sustaining
voltage
IB =0A; IC =10mA; LC =25mH;
see Figure 6; see Figure 15
400
-
-
V
VCEsat
collector-emitter saturation
voltage
IC = 1.0 A; IB = 0.2 A; see Figure 7;
see Figure 8
-0.1
0.5
V
IC = 2.0 A; IB = 0.5 A; see Figure 7;
see Figure 8
-0.2
0.6
V
IC = 4.0 A; IB = 1.0 A; see Figure 7;
see Figure 8
-0.3
1
V
VBEsat
base-emitter saturation
voltage
IC = 2.0 A; IB = 0.5 A; see Figure 9
-
0.92
1.6
V
IC = 1.0 A; IB = 0.2 A; see Figure 9
-
0.85
1.2
V
VF
forward voltage
IF = 2.0 A
-
1.04
1.5
V
hFE
DC current gain
IC = 1.0 A; VCE = 5 V; see Figure 10
12
20
40
IC = 2.0 A; VCE = 5 V; see Figure 10
10
17
28
Dynamic characteristics
ts
storage time
IC = 2.0 A; IBon = 0.4 A; VBB =-5 V;
LB = 1 µH; inductive load;
see Figure 11; see Figure 12
-1.2
2
µs
IC = 2.0 A; IBon = 0.4 A; IBoff =-0.4A;
RL =75 Ω; resistive load;
see Figure 13; see Figure 14
-2.7
4
µs
IC = 2.0 A; IBon = 0.4 A; VBB =-5 V;
LB =1µH; Tj = 100 °C; inductive load;
see Figure 11; see Figure 12
-1.4
4
µs
tf
fall time
IC = 2.0 A; IBon = 0.4 A; IBoff =-0.4A;
RL =75 Ω; resistive load;
see Figure 13; see Figure 14
-0.3
0.9
µs
IC = 2.0 A; IBon = 0.4 A; VBB =-5 V;
LB =1µH; Tj = 100 °C; inductive load;
see Figure 11; see Figure 12
-
0.16
0.9
µs
IC = 2.0 A; IBon = 0.4 A; VBB =-5 V;
LB = 1 µH; inductive load;
see Figure 11; see Figure 12
-0.1
0.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com