Electronic Components Datasheet Search
  English  ▼

X  

P2RF-08 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P2RF-08
Description  Slim and Space-saving Power Plug-in Relay
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2RF-08 Datasheet(HTML) 1 Page - Omron Electronics LLC

  P2RF-08 Datasheet HTML 1Page - Omron Electronics LLC P2RF-08 Datasheet HTML 2Page - Omron Electronics LLC P2RF-08 Datasheet HTML 3Page - Omron Electronics LLC P2RF-08 Datasheet HTML 4Page - Omron Electronics LLC P2RF-08 Datasheet HTML 5Page - Omron Electronics LLC P2RF-08 Datasheet HTML 6Page - Omron Electronics LLC P2RF-08 Datasheet HTML 7Page - Omron Electronics LLC P2RF-08 Datasheet HTML 8Page - Omron Electronics LLC P2RF-08 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
CSM_G2R-
_-S_DS_E_3_1
1
General-purpose Relay
G2R-
@-S
Slim and Space-saving Power Plug-in Relay
■ Lockable test button models now available.
■ Built-in mechanical operation indicator.
■ Provided with nameplate.
■ AC type is equipped with a coil-disconnection self-diagnostic
function (LED type).
■ High switching power (1-pole: 10 A).
■ Environment-friendly (Cd, Pb free).
■ Wide range of Sockets also available.
Model Number Structure
Model Number Legend
1. Relay Function
Blank:
General-purpose
2. Number of Poles
1:
1 pole
2:
2 poles
3. Contact Form
Blank:
SPDT
4. Contact Type
Blank:
Single
5. Terminals
S:
Plug-in
6. Classification
Blank:
General-purpose
N:
LED indicator
D:
Diode
ND:
LED indicator and diode
NI:
LED indicator with test button
NDI:
LED indicator and diode with test button
7. Rated Coil Voltage
Ordering Information
List of Models
LR
G2R
-
-
-
12
34
56
7
Classification
Enclosure
rating
Coil ratings
Contact form
SPDT
DPDT
Plug-in terminal
General-purpose
Unsealed
AC/DC
G2R-1-S
G2R-2-S
LED indicator
G2R-1-SN
G2R-2-SN
LED indicator with test button
G2R-1-SNI (S)
G2R-2-SNI (S)
Diode
DC
G2R-1-SD
G2R-2-SD
LED indicator and diode
G2R-1-SND
G2R-2-SND
LED indicator and diode with test button
G2R-1-SNDI (S)
G2R-2-SNDI (S)
Rated coil voltage
Note: When ordering, add the rated coil voltage and "(S)" to the model number. Rated coil voltages are given in the coil ratings table.
Example: G2R-1-S 12 VDC (S)
New model


Similar Part No. - P2RF-08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P2RF-08 OMRON-P2RF-08 Datasheet
1Mb / 15P
Slim and Space-saving Power Plug-in Relay
P2RF-08 OMRON-P2RF-08 Datasheet
10Mb / 27P
A Wide Variety of Square and Round Sockets in Front-mounting and Back-mounting Models
2019.11
P2RF-08 OMRON-P2RF-08 Datasheet
4Mb / 21P
FQ2-S25050F
2021.11
P2RF-08 OMRON-P2RF-08 Datasheet
875Kb / 10P
Slim and Space-saving Power Plug-in Relay
P2RF-08 OMRON-P2RF-08 Datasheet
702Kb / 19P
Power PCB Relay
5/03
More results

Similar Description - P2RF-08

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
Slim and Space-saving Power Plug-in Relay
logo
M-System Co.,Ltd.
FMS MSYSTEM-FMS Datasheet
96Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FLM MSYSTEM-FLM Datasheet
114Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
FLC MSYSTEM-FLC Datasheet
103Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJF MSYSTEM-FJF Datasheet
107Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FJDL MSYSTEM-FJDL Datasheet
134Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FDU MSYSTEM-FDU Datasheet
101Kb / 3P
Space-saving Plug-in Signal Conditioners F-UNIT
FCRS MSYSTEM-FCRS Datasheet
113Kb / 4P
Space-saving Plug-in Signal Conditioners F-UNIT
logo
Omron Electronics LLC
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
Slim and Space-saving Power Plug-in Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com