Electronic Components Datasheet Search
  English  ▼

X  

MPC8360CVVAGFHA Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # MPC8360CVVAGFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360CVVAGFHA Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button MPC8360CVVAGFHA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8360CVVAGFHA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8360CVVAGFHA Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC8360CVVAGFHA Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC8360CVVAGFHA Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC8360CVVAGFHA Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC8360CVVAGFHA Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC8360CVVAGFHA Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC8360CVVAGFHA Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
21
DDR and DDR2 SDRAM AC Electrical Characteristics
This table provides the input AC timing specifications for the DDR SDRAM interface when GVDD(typ) = 2.5 V.
This figure shows the input timing diagram for the DDR controller.
Figure 6. DDR Input Timing Diagram
Table 19. DDR SDRAM Input AC Timing Specifications
At recommended operating conditions with GVDD of 2.5 V ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
AC input low voltage
VIL
—MVREF – 0.31
V
—
AC input high voltage
VIH
MVREF + 0.31
—
V
—
Table 20. DDR and DDR2 SDRAM Input AC Timing Specifications Mode
At recommended operating conditions with GVDD of (1.8 or 2.5 V) ± 5%.
Parameter
Symbol
Min
Max
Unit
Notes
MDQS—MDQ/MECC input skew per byte
333 MHz
266 MHz
200 MHz
tDISKEW
–750
–1125
–1250
750
1125
1250
ps
1, 2
Notes:
1. AC timing values are based on the DDR data rate, which is twice the DDR memory bus frequency.
2. Maximum possible skew between a data strobe (MDQS[n]) and any corresponding bit of data (MDQ[8n + {0...7}] if 0
≤n ≤7)
or ECC (MECC[{0...7}] if n = 8).
MCK[n]
MCK[n]
tMCK
MDQ[x]
MDQS[n]
tDISKEW
D1
D0
tDISKEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com