Electronic Components Datasheet Search
  English  ▼

X  

AD9258 Datasheet(PDF) 36 Page - Analog Devices

Part # AD9258
Description  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9258 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9258 Datasheet HTML 32Page - Analog Devices AD9258 Datasheet HTML 33Page - Analog Devices AD9258 Datasheet HTML 34Page - Analog Devices AD9258 Datasheet HTML 35Page - Analog Devices AD9258 Datasheet HTML 36Page - Analog Devices AD9258 Datasheet HTML 37Page - Analog Devices AD9258 Datasheet HTML 38Page - Analog Devices AD9258 Datasheet HTML 39Page - Analog Devices AD9258 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
AD9258
Rev. A | Page 36 of 44
HARDWARE INTERFACE
The pins described in Table 14 comprise the physical interface
between the user programming device and the serial port of the
AD9258. The SCLK pin and the CSB pin function as inputs
when using the SPI. The SDIO pin is bidirectional, functioning
as an input during write phases and as an output during
readback.
The SPI is flexible enough to be controlled by either FPGAs or
microcontrollers. One method for SPI configuration is
described in detail in the AN-812 Application Note, Micro-
controller-Based Serial Port Interface (SPI) Boot Circuit.
The SPI port should not be active during periods when the full
dynamic performance of the converter is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade converter performance. If the on-board SPI bus is used for
other devices, it may be necessary to provide buffers between
this bus and the AD9258 to prevent these signals from transi-
tioning at the converter inputs during critical sampling periods.
Some pins serve a dual function when the SPI is not being used.
When the pins are strapped to AVDD or ground during device
power-on, they are associated with a specific function. The
Digital Outputs section describes the strappable functions
supported on the AD9258.
CONFIGURATION WITHOUT THE SPI
In applications that do not interface to the SPI control registers,
the SDIO/DCS pin, the SCLK/DFS pin, the OEB pin, and the
PDWN pin serve as standalone CMOS-compatible control pins.
When the device is powered up, it is assumed that the user intends
to use the pins as static control lines for the duty cycle stabilizer,
output data format, output enable, and power-down feature
control. In this mode, the CSB chip select bar should be con-
nected to AVDD, which disables the serial port interface.
When the device is in SPI mode, the PDWN and OEB pins
remain active. For SPI control of output enable and power-down,
the OEB and PDWN pins should be set to their default states.
Table 15. Mode Selection
Pin
External
Voltage
Configuration
SDIO/DCS
AVDD (default)
Duty cycle stabilizer enabled
AGND
Duty cycle stabilizer disabled
SCLK/DFS
AVDD
Twos complement enabled
AGND (default)
Offset binary enabled
OEB
AVDD
Outputs in high impedance
AGND (default)
Outputs enabled
PDWN
AVDD
Chip in power-down or
standby
AGND (default)
Normal operation
SPI ACCESSIBLE FEATURES
Table 16 provides a brief description of the general features that
are accessible via the SPI. These features are described in detail
in the AN-877 Application Note, Interfacing to High Speed ADCs
via SPI. The AD9258 part-specific features are described in detail
following Table 17, the external memory map register table.
Table 16. Features Accessible Using the SPI
Feature Name
Description
Mode
Allows the user to set either power-down mode
or standby mode
Clock
Allows the user to access the DCS, set the
clock divider, set the clock divider phase, and
enable the sync
Offset
Allows the user to digitally adjust the
converter offset
Test I/O
Allows the user to set test modes to have
known data on output bits
Output Mode
Allows the user to set the output mode
including LVDS
Output Phase
Allows the user to set the output clock polarity
Output Delay
Allows the user to vary the DCO delay
VREF
Allows the user to set the reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com