Electronic Components Datasheet Search
  English  ▼

X  

AD9433 Datasheet(PDF) 8 Page - Analog Devices

Part # AD9433
Description  12-Bit, 105 MSPS/125 MSPS, IF Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9433 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9433 Datasheet HTML 4Page - Analog Devices AD9433 Datasheet HTML 5Page - Analog Devices AD9433 Datasheet HTML 6Page - Analog Devices AD9433 Datasheet HTML 7Page - Analog Devices AD9433 Datasheet HTML 8Page - Analog Devices AD9433 Datasheet HTML 9Page - Analog Devices AD9433 Datasheet HTML 10Page - Analog Devices AD9433 Datasheet HTML 11Page - Analog Devices AD9433 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD9433
Rev. A | Page 8 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
13.1
26.3
39.4
52.5
FREQUENCY (MHz)
SNR = 67.5dB
SFDR = 85dBFS
–95
–90
–85
–80
–75
–70
–65
–60
0
50
100
150
200
250
AIN (MHz)
WORST OTHER
THIRD HARMONIC
SECOND HARMONIC
Figure 4. FFT: fS = 105 MSPS, fIN = 49.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Enabled
Figure 7. Harmonics (Second, Third, Worst Other) vs. AIN Frequency,
AIN @ −0.5 dBFS, fS = 105 MSPS, SFDR Mode Enabled
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
13.1
26.3
39.4
52.5
FREQUENCY (MHz)
SNR = 68dB
SFDR = 80dBFS
SNR
68
67
66
65
64
63
62
61
60
11.1
10.9
10.8
10.6
10.4
10.3
10.1
9.9
9.8
0
50
100
150
200
250
300
AIN (MHz)
SINAD
100
95
90
85
80
75
70
65
60
10
30
50
70
90
110
130
ENCODE (MSPS)
Figure 5. FFT: fS = 105 MSPS, fIN = 49.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Disabled
Figure 8. SNR/SINAD and ENOB vs. AIN Frequency, Differential AIN @ −0.5 dBFS,
fS = 105 MSPS, SFDR Mode Disabled
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
0
15.6
31.2
46.8
62.5
FREQUENCY (MHz)
SNR = 67.7dB
SFDR = 76dBFS
THIRD HARMONIC (dBc)
SECOND HARMONIC (dBc)
Figure 6. FFT: fS = 125 MSPS, fIN = 49.3 MHz, Differential AIN @ −0.5 dBFS,
SFDR Mode Enabled
SINAD
SNR
Figure 9. SNR/SINAD and Harmonic Distortion vs. Encode Frequency,
Differential AIN @ −0.5 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com