Electronic Components Datasheet Search
  English  ▼

X  

AD9752ARUZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9752ARUZ
Description  12-Bit, 125 MSPS High Performance TxDAC D/A Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9752ARUZ Datasheet(HTML) 1 Page - Analog Devices

  AD9752ARUZ Datasheet HTML 1Page - Analog Devices AD9752ARUZ Datasheet HTML 2Page - Analog Devices AD9752ARUZ Datasheet HTML 3Page - Analog Devices AD9752ARUZ Datasheet HTML 4Page - Analog Devices AD9752ARUZ Datasheet HTML 5Page - Analog Devices AD9752ARUZ Datasheet HTML 6Page - Analog Devices AD9752ARUZ Datasheet HTML 7Page - Analog Devices AD9752ARUZ Datasheet HTML 8Page - Analog Devices AD9752ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD9752*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
12-Bit, 125 MSPS High Performance
TxDAC® D/A Converter
FUNCTIONAL BLOCK DIAGRAM
150pF
+1.20V REF
AVDD
ACOM
REFLO
ICOMP
CURRENT
SOURCE
ARRAY
+5V
SEGMENTED
SWITCHES
LSB
SWITCHES
REFIO
FS ADJ
DVDD
DCOM
CLOCK
+5V
RSET
0.1 F
CLOCK
IOUTA
IOUTB
0.1 F
LATCHES
AD9752
SLEEP
DIGITAL DATA INPUTS (DB11–DB0)
FEATURES
High Performance Member of Pin-Compatible
TxDAC Product Family
125 MSPS Update Rate
12-Bit Resolution
Excellent Spurious Free Dynamic Range Performance
SFDR to Nyquist @ 5 MHz Output: 79 dBc
Differential Current Outputs: 2 mA to 20 mA
Power Dissipation: 185 mW @ 5 V
Power-Down Mode: 20 mW @ 5 V
On-Chip 1.20 V Reference
CMOS-Compatible +2.7 V to +5.5 V Digital Interface
Package: 28-Lead SOIC and TSSOP
Edge-Triggered Latches
APPLICATIONS
Wideband Communication Transmit Channel:
Direct IF
Basestations
Wireless Local Loop
Digital Radio Link
Direct Digital Synthesis (DDS)
Instrumentation
PRODUCT DESCRIPTION
The AD9752 is a 12-bit resolution, wideband, second generation
member of the TxDAC series of high performance, low power
CMOS digital-to-analog-converters (DACs). The TxDAC family,
which consists of pin compatible 8-, 10-, 12-, and 14-bit DACs, is
specifically optimized for the transmit signal path of communica-
tion systems. All of the devices share the same interface options,
small outline package and pinout, thus providing an upward or
downward component selection path based on performance,
resolution and cost. The AD9752 offers exceptional ac and dc
performance while supporting update rates up to 125 MSPS.
The AD9752’s flexible single-supply operating range of 4.5 V to
5.5 V and low power dissipation are well suited for portable and
low power applications. Its power dissipation can be further
reduced to a mere 65 mW, without a significant degradation in
performance, by lowering the full-scale current output. Also, a
power-down mode reduces the standby power dissipation to
approximately 20 mW.
The AD9752 is manufactured on an advanced CMOS process.
A segmented current source architecture is combined with a
proprietary switching technique to reduce spurious components
and enhance dynamic performance. Edge-triggered input latches
and a 1.2 V temperature compensated bandgap reference have
been integrated to provide a complete monolithic DAC solution.
The digital inputs support +2.7 V to +5 V CMOS logic families.
The AD9752 is a current-output DAC with a nominal full-scale
output current of 20 mA and > 100 k
Ω output impedance.
Differential current outputs are provided to support single-
ended or differential applications. Matching between the two
current outputs ensures enhanced dynamic performance in a
differential output configuration. The current outputs may be
tied directly to an output resistor to provide two complemen-
tary, single-ended voltage outputs or fed directly into a trans-
former. The output voltage compliance range is 1.25 V.
The on-chip reference and control amplifier are configured for
maximum accuracy and flexibility. The AD9752 can be driven
by the on-chip reference or by a variety of external reference
voltages. The internal control amplifier, which provides a wide
(>10:1) adjustment span, allows the AD9752 full-scale current
to be adjusted over a 2 mA to 20 mA range while maintaining
excellent dynamic performance. Thus, the AD9752 may oper-
ate at reduced power levels or be adjusted over a 20 dB range to
provide additional gain ranging capabilities.
The AD9752 is available in 28-lead SOIC and TSSOP packages.
It is specified for operation over the industrial temperature range.
PRODUCT HIGHLIGHTS
1. The AD9752 is a member of the wideband TxDAC product
family that provides an upward or downward component selec-
tion path based on resolution (8 to 14 bits), performance and
cost. The entire family of TxDACs is available in industry
standard pinouts.
2. Manufactured on a CMOS process, the AD9752 uses a
proprietary switching technique that enhances dynamic
performance beyond that previously attainable by higher
power/cost bipolar or BiCMOS devices.
3. On-chip, edge-triggered input CMOS latches interface readily
to +2.7 V to +5 V CMOS logic families. The AD9752 can
support update rates up to 125 MSPS.
4. A flexible single-supply operating range of 4.5 V to 5.5 V and
a wide full-scale current adjustment span of 2 mA to 20 mA
allow the AD9752 to operate at reduced power levels.
5. The current output(s) of the AD9752 can be easily config-
ured for various single-ended or differential circuit topologies.
TxDAC is a registered trademark of Analog Devices, Inc.
*Protected by U.S. Patents Numbers 5450084, 5568145, 5689257, 5612697 and
5703519.


Similar Part No. - AD9752ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9752ARU AD-AD9752ARU Datasheet
364Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9752ARU AD-AD9752ARU Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
More results

Similar Description - AD9752ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9750 AD-AD9750 Datasheet
302Kb / 22P
10-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9752 AD-AD9752 Datasheet
364Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.0
AD9754 AD-AD9754 Datasheet
327Kb / 24P
14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV.A
AD9760 AD-AD9760 Datasheet
412Kb / 23P
10-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD9762 AD-AD9762 Datasheet
414Kb / 23P
12-Bit, 125 MSPS TxDAC D/A Converter
REV.B
AD97651 AD-AD97651 Datasheet
472Kb / 28P
12-Bit, 125 MSPS Dual TxDAC D/A Converter
REV.B
AD9764ARUZ AD-AD9764ARUZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9754ARURL7 AD-AD9754ARURL7 Datasheet
326Kb / 24P
14-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. A
AD9764ARZ AD-AD9764ARZ Datasheet
314Kb / 22P
14-Bit, 125 MSPS TxDAC D/A Converter
REV. B
AD9752ARZRL AD-AD9752ARZRL Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance TxDAC D/A Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com