Electronic Components Datasheet Search
  English  ▼

X  

AD9764-EB Datasheet(PDF) 10 Page - Analog Devices

Part # AD9764-EB
Description  14-Bit, 125 MSPS TxDAC D/A Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9764-EB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9764-EB Datasheet HTML 6Page - Analog Devices AD9764-EB Datasheet HTML 7Page - Analog Devices AD9764-EB Datasheet HTML 8Page - Analog Devices AD9764-EB Datasheet HTML 9Page - Analog Devices AD9764-EB Datasheet HTML 10Page - Analog Devices AD9764-EB Datasheet HTML 11Page - Analog Devices AD9764-EB Datasheet HTML 12Page - Analog Devices AD9764-EB Datasheet HTML 13Page - Analog Devices AD9764-EB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
REV. B
AD9764
–10–
REFERENCE OPERATION
The AD9764 contains an internal 1.20 V bandgap reference
that can be easily disabled and overridden by an external
reference. REFIO serves as either an input or output, depending
on whether the internal or external reference is selected. If
REFLO is tied to ACOM, as shown in Figure 22, the internal
reference is activated, and REFIO provides a 1.20 V output. In
this case, the internal reference must be compensated externally
with a ceramic chip capacitor of 0.1
µF or greater from REFIO
to REFLO. Also, REFIO should be buffered with an external
amplifier having an input bias current less than 100 nA if any
additional loading is required.
50pF
COMP1
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
0.1 F
+5V
REFIO
FS ADJ
2k
0.1 F
AD9764
ADDITIONAL
LOAD
OPTIONAL
EXTERNAL
REF BUFFER
Figure 22. Internal Reference Configuration
The internal reference can be disabled by connecting REFLO to
AVDD. In this case, an external reference may then be applied
to REFIO as shown in Figure 23. The external reference may
provide either a fixed reference voltage to enhance accuracy and
drift performance or a varying reference voltage for gain control.
Note that the 0.1
µF compensation capacitor is not required
since the internal reference is disabled, and the high input im-
pedance (i.e., 1 M
Ω) of REFIO minimizes any loading of the
external reference.
50pF
COMP1
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
0.1 F
AVDD
REFIO
FS ADJ
RSET
AD9764
EXTERNAL
REF
IREF =
VREFIO/RSET
AVDD
REFERENCE
CONTROL
AMPLIFIER
VREFIO
Figure 23. External Reference Configuration
REFERENCE CONTROL AMPLIFIER
The AD9764 also contains an internal control amplifier that is
used to regulate the DAC’s full-scale output current, IOUTFS.
The control amplifier is configured as a V-I converter, as shown
in Figure 23, such that its current output, IREF, is determined by
the ratio of the VREFIO and an external resistor, RSET, as stated
in Equation 4. IREF is copied over to the segmented current
sources with the proper scaling factor to set IOUTFS as stated in
Equation 3.
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 2 mA to 20 mA range by setting IREF between
62.5
µA and 625 µA. The wide adjustment span of I
OUTFS
provides several application benefits. The first benefit relates
directly to the power dissipation of the AD9764, which is pro-
portional to IOUTFS (refer to the Power Dissipation section). The
second benefit relates to the 20 dB adjustment, which is useful
for system gain control purposes.
The small signal bandwidth of the reference control amplifier is
approximately 1.4 MHz and can be reduced by connecting an
external capacitor between COMP1 and AVDD. The output of
the control amplifier, COMP1, is internally compensated via a
50 pF capacitor that limits the control amplifier small-signal
bandwidth and reduces its output impedance. Any additional
external capacitance further limits the bandwidth and acts as a
filter to reduce the noise contribution from the reference ampli-
fier. Figure 24 shows the relationship between the external
capacitor and the small signal –3 dB bandwidth of the refer-
ence amplifier. Since the –3 dB bandwidth corresponds to the
dominant pole, and hence the time constant, the settling time of
the control amplifier to a stepped reference input response can
be approximated.
COMP1 CAPACITOR – nF
1000
10
0.1
0.1
1000
1
10
100
Figure 24. External COMP1 Capacitor vs. –3 dB Bandwidth
The optimum distortion performance for any reconstructed
waveform is obtained with a 0.1
µF external capacitor installed.
Thus, if IREF is fixed for an application, a 0.1
µF ceramic chip
capacitor is recommended. Also, since the control amplifier is
optimized for low power operation, multiplying applications
requiring large signal swings should consider using an external
control amplifier to enhance the application’s overall large signal
multiplying bandwidth and/or distortion performance.
There are two methods in which IREF can be varied for a fixed
RSET. The first method is suitable for a single-supply system in
which the internal reference is disabled, and the common-mode
voltage of REFIO is varied over its compliance range of 1.25 V
to 0.10 V. REFIO can be driven by a single-supply amplifier or
DAC, thus allowing IREF to be varied for a fixed RSET. Since the
input impedance of REFIO is approximately 1 M
Ω, a simple,
low cost R-2R ladder DAC configured in the voltage mode
topology may be used to control the gain. This circuit is shown
in Figure 25 using the AD7524 and an external 1.2 V reference,
the AD1580.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com