Electronic Components Datasheet Search
  English  ▼

X  

MAX202CPE Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX202CPE
Description  5V, RS-232 Transceivers with 0.1muF External Capacitors
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX202CPE Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX202CPE Datasheet HTML 15Page - Maxim Integrated Products MAX202CPE Datasheet HTML 16Page - Maxim Integrated Products MAX202CPE Datasheet HTML 17Page - Maxim Integrated Products MAX202CPE Datasheet HTML 18Page - Maxim Integrated Products MAX202CPE Datasheet HTML 19Page - Maxim Integrated Products MAX202CPE Datasheet HTML 20Page - Maxim Integrated Products MAX202CPE Datasheet HTML 21Page - Maxim Integrated Products MAX202CPE Datasheet HTML 22Page - Maxim Integrated Products MAX202CPE Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
+5V, RS-232 Transceivers
with 0.1µF External Capacitors
Ordering Information
*Contact factory for dice specifications.
PART
TEMP RANGE
PIN-PACKAGE
MAX200CPP
0NC to +70NC
20 Plastic DIP
MAX200CWP
0NC to +70NC
20 Wide SO
MAX200EPP
-40NC to +85NC
20 Plastic DIP
MAX200EWP
-40NC to +85NC
20 Wide SO
MAX201CPD
0NC to +70NC
14 Plastic DIP
MAX201CWE
0NC to +70NC
16 Wide SO
MAX201C/D
0NC to +70NC
Dice*
MAX201EPD
-40NC to +85NC
14 Plastic DIP
MAX201EWE
-40NC to +85NC
16 Wide SO
MAX202CPE
0NC to +70NC
16 Plastic DIP
MAX202CSE
0NC to +70NC
16 Narrow SO
MAX202CWE
0NC to +70NC
16 Wide SO
MAX202C/D
0NC to +70NC
Dice*
MAX202EPE
-40NC to +85NC
16 Plastic DIP
MAX202ESE
-40NC to +85NC
16 Narrow SO
MAX202EWE
-40NC to +85NC
16 Wide SO
MAX203CPP
0NC to +70NC
20 Plastic DIP
MAX203CWP
0NC to +70NC
20 Wide SO
MAX203EPP
-40NC to +85NC
20 Plastic DIP
MAX203EWP
-40NC to +85NC
20 Wide SO
MAX204CPE
0NC to +70NC
16 Plastic DIP
MAX204CWE
0NC to +70NC
16 Wide SO
MAX204C/D
0NC to +70NC
Dice*
MAX204EPE
-40NC to +85NC
16 Plastic DIP
MAX204EWE
-40NC to +85NC
16 Wide SO
MAX205CPG
0NC to +70NC
24 Wide Plastic DIP
MAX205EPG
-40NC to +85NC
24 Wide Plastic DIP
MAX206CNG
0NC to +70NC
24 Narrow Plastic DIP
MAX206CWG
0NC to +70NC
24 Wide SO
MAX206CAG
0NC to +70NC
24 SSOP
MAX206ENG
-40NC to +85NC
24 Narrow Plastic DIP
PART
TEMP RANGE
PIN-PACKAGE
MAX206EWG
-40NC to +85NC
24 Wide SO
MAX206EAG
-40NC to +85NC
24 SSOP
MAX207CNG
0NC to +70NC
24 Narrow Plastic DIP
MAX207CWG
0NC to +70NC
24 Wide SO
MAX207CAG
0NC to +70NC
24 SSOP
MAX207ENG
-40NC to +85NC
24 Narrow Plastic DIP
MAX207EWG
-40NC to +85NC
24 Wide SO
MAX207EAG
-40NC to +85NC
24 SSOP
MAX208CNG
0NC to +70NC
24 Narrow Plastic DIP
MAX208CWG
0NC to +70NC
24 Wide SO
MAX208CAG
0NC to +70NC
24 SSOP
MAX208C/D
0NC to +70NC
Dice*
MAX208ENG
-40NC to +85NC
24 Narrow Plastic DIP
MAX208EWG
-40NC to +85NC
24 Wide SO
MAX208EAG
-40NC to +85NC
24 SSOP
MAX209CNG
0NC to +70NC
24 Narrow Plastic DIP
MAX209CWG
0NC to +70NC
24 Wide SO
MAX209C/D
0NC to +70NC
Dice*
MAX209ENG
-40NC to +85NC
24 Narrow Plastic DIP
MAX209EWG
-40NC to +85NC
24 Wide SO
MAX211CWI
0NC to +70NC
28 Wide SO
MAX211CAI
0NC to +70NC
28 SSOP
MAX211C/D
0NC to +70NC
Dice*
MAX211EWI
-40NC to +85NC
28 Wide SO
MAX211EAI
-40NC to +85NC
28 SSOP
MAX213CWI
0NC to +70NC
28 Wide SO
MAX213CAI
0NC to +70NC
28 SSOP
MAX213C/D
0NC to +70NC
Dice*
MAX213EWI
-40NC to +85NC
28 Wide SO
MAX213EAI
-40NC to +85NC
28 SSOP
MAX200–MAX209/MAX211/MAX213
Maxim Integrated
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com