Electronic Components Datasheet Search
  English  ▼

X  

AD22301 Datasheet(PDF) 9 Page - Analog Devices

Part # AD22301
Description  Single-Axis, High-g, iMEMS ccelerometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22301 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD22301 Datasheet HTML 4Page - Analog Devices AD22301 Datasheet HTML 5Page - Analog Devices AD22301 Datasheet HTML 6Page - Analog Devices AD22301 Datasheet HTML 7Page - Analog Devices AD22301 Datasheet HTML 8Page - Analog Devices AD22301 Datasheet HTML 9Page - Analog Devices AD22301 Datasheet HTML 10Page - Analog Devices AD22301 Datasheet HTML 11Page - Analog Devices AD22301 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADXL78
Rev. B | Page 9 of 12
OUTLINE DIMENSIONS
BOTTOM VIEW
(PLATING OPTION 1,
SEE DETAIL A
FOROPTION2)
DETAIL A
(OPTION 2)
1
3
5
7
TOP VIEW
0.075 REF
R0.008
(4 PLCS)
0.203
0.197 SQ
0.193
0.020
0.015
0.010
(R 4 PLCS)
0.180
0.177 SQ
0.174
0.087
0.078
0.069
0.008
0.006
0.004
0.077
0.070
0.063
0.054
0.050
0.046
0.030
0.025
0.020
0.028
0.020 DIA
0.012
0.019 SQ
0.106
0.100
0.094
R0.008
(8 PLCS)
Figure 6. 8-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-8-1)
Dimensions shown in inches
ADXL78 ORDERING GUIDE
Model1, 2, 3
Parts
per
Reel
Measurement
Range
Specified
Voltage (V)
Temperature
Range
Package Description
Package
Option
AD22279-A-R2
250
±35 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
AD22279-A
3,000
±35 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22279ZC
3,000
±35 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22279ZC-RL7
250
±35 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
AD22280-R2
250
±50 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
AD22280
3,000
±50 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22280ZC
3,000
±50 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22280ZC-RL7
250
±50 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
AD22281-R2
250
±70 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
AD22281
3,000
±70 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22281ZC
3,000
±70 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
ADW22281ZC-RL7
250
±70 g
5
−40°C to +105°C
8-Terminal Ceramic Leadless Chip Carrier
E-8-1
1 All models are on tape and reel and are RoHS compliant parts.
2 Z = RoHS Compliant Part.
3 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADW22
279, ADW22280, and ADW22281 models are available with controlled manufacturing to support the quality and reliability
requirements of automotive applications. Note that these automotive models may have specifications that differ from the commercial
models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade products
shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific Automotive
Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com