Electronic Components Datasheet Search
  English  ▼

X  

ADE7752 Datasheet(PDF) 23 Page - Analog Devices

Part # ADE7752
Description  Polyphase Energy Metering IC with Pulse Output
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7752 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADE7752 Datasheet HTML 16Page - Analog Devices ADE7752 Datasheet HTML 17Page - Analog Devices ADE7752 Datasheet HTML 18Page - Analog Devices ADE7752 Datasheet HTML 19Page - Analog Devices ADE7752 Datasheet HTML 20Page - Analog Devices ADE7752 Datasheet HTML 21Page - Analog Devices ADE7752 Datasheet HTML 22Page - Analog Devices ADE7752 Datasheet HTML 23Page - Analog Devices ADE7752 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADE7752/ADE7752A
Rev. C | Page 23 of 24
NEGATIVE POWER INFORMATION
The ADE7752 detects when the current and voltage channels of
any of the three phase inputs have a phase difference greater
than 90°: ϕA or ϕB or ϕ
B
C
> 90°. This mechanism can detect
wrong connection of the meter or generation of active energy.
The REVP pin output goes active high when negative power is
detected on any of the three phase inputs. If positive active
energy is detected on all the three phases, REVP pin output is low.
The REVP pin output changes state at the same time a pulse is
issued on CF. If several phases measure negative power, the
REVP pin output stays high until all the phases measure
positive power. If a phase has gone below the no load threshold,
REVP detection on this phase is disabled. REVP detection on
this phase resumes when the power returns out of no load
condition. See the No Load Threshold section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com